Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA3A Datasheet(PDF) 1 Page - Rohm

Part # FMA3A
Description  Emitter common Dual digital transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA3A Datasheet(HTML) 1 Page - Rohm

  FMA3A Datasheet HTML 1Page - Rohm FMA3A Datasheet HTML 2Page - Rohm FMA3A Datasheet HTML 3Page - Rohm FMA3A Datasheet HTML 4Page - Rohm FMA3A Datasheet HTML 5Page - Rohm FMA3A Datasheet HTML 6Page - Rohm FMA3A Datasheet HTML 7Page - Rohm FMA3A Datasheet HTML 8Page - Rohm FMA3A Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
EMA3 / UMA3N / FMA3A
Emitter common(dual digital transistor)
Datasheet
l
lOutline
Parameter
DTr1 and DTr2
SOT-553
SOT-353
VCEO
-50V
 
 
 
 
IC
-100mA
R1
4.7kΩ
EMA3
UMA3N
 
 
(EMT5)
(UMT5)
SOT-25
                     
l
lFeatures
 
 
 
 
1)Two DTA143T chips in a EMT or UMT or
  SMT package.
2)Mounting cost and area can be cut in half.
 
 
 
 
FMA3A
 
(SMT5)
 
                     
l
lInner circuit
EMA3 / UMA3N
FMA3A
l
lApplication
INVERTER, INTERFACE, DRIVER
l
lPackaging specifications
     
     
Part No.
Package
Package
size
Taping
code
Reel size
(mm)
Tape width
(mm)
Basic
ordering
unit.(pcs)
Marking
EMA3
SOT-553
(EMT5)
1616
T2R
180
8
8000
A3
UMA3N
SOT-353
(UMT5)
2021
TR
180
8
3000
A3
FMA3A
SOT-25
(SMT5)
2928
T148
180
8
3000
A3
                                                                                         
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
1/6
20151019 - Rev.002


Similar Part No. - FMA3A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA3A ROHM-FMA3A Datasheet
64Kb / 3P
   Emitter common (dual digital transistors)
FMA3A ROHM-FMA3A Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
FMA3AT148 ROHM-FMA3AT148 Datasheet
437Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors)
More results

Similar Description - FMA3A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG4 ROHM-EMG4_15 Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
EMG3 ROHM-EMG3 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG5 ROHM-EMG5 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMA4 ROHM-EMA4_15 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
EMG8 ROHM-EMG8_15 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG6 ROHM-EMG6_15 Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
EMG11 ROHM-EMG11_15 Datasheet
838Kb / 10P
   Emitter common (dual digital transistor)
UMA9N ROHM-UMA9N Datasheet
62Kb / 2P
   Digital transistor (Common Emitter Dual Transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com