Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMA4A Datasheet(PDF) 10 Page - Rohm

Part # FMA4A
Description  Emitter common Dual digital transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

FMA4A Datasheet(HTML) 10 Page - Rohm

Back Button FMA4A Datasheet HTML 2Page - Rohm FMA4A Datasheet HTML 3Page - Rohm FMA4A Datasheet HTML 4Page - Rohm FMA4A Datasheet HTML 5Page - Rohm FMA4A Datasheet HTML 6Page - Rohm FMA4A Datasheet HTML 7Page - Rohm FMA4A Datasheet HTML 8Page - Rohm FMA4A Datasheet HTML 9Page - Rohm FMA4A Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Datasheet
Part Number
EMA4
Package
EMT5
Unit Quantity
8000
Minimum Package Quantity
8000
Packing Type
Taping
Constitution Materials List
inquiry
RoHS
Yes
EMA4 - Web Page
Distribution Inventory
Buy


Similar Part No. - FMA4A

ManufacturerPart #DatasheetDescription
logo
Rohm
FMA4A ROHM-FMA4A Datasheet
65Kb / 2P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
65Kb / 3P
   General purpose (dual digital transistors)
FMA4A ROHM-FMA4A Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
FMA4AT148 ROHM-FMA4AT148 Datasheet
571Kb / 7P
   PNP -100mA -50V Complex Digital Transistors (Bias Resistor Built-in Transistors
More results

Similar Description - FMA4A

ManufacturerPart #DatasheetDescription
logo
Rohm
EMG4 ROHM-EMG4_15 Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
EMG3 ROHM-EMG3 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG5 ROHM-EMG5 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMA3 ROHM-EMA3 Datasheet
1Mb / 10P
   Emitter common Dual digital transistor
EMG8 ROHM-EMG8_15 Datasheet
1Mb / 10P
   Emitter common (dual digital transistor)
EMG6 ROHM-EMG6_15 Datasheet
1Mb / 10P
   Emitter common(dual digital transistor)
EMG11 ROHM-EMG11_15 Datasheet
838Kb / 10P
   Emitter common (dual digital transistor)
UMA9N ROHM-UMA9N Datasheet
62Kb / 2P
   Digital transistor (Common Emitter Dual Transistors)
EMA11 ROHM-EMA11 Datasheet
61Kb / 2P
   Emitter common (dual digital transistors)
FMG9A ROHM-FMG9A Datasheet
76Kb / 2P
   Emitter common (dual digital transistors)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com