Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51RD2 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # P87C51RD2
Description  80C51 Central Processing Unit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RD2 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button P87C51RD2 Datasheet HTML 2Page - NXP Semiconductors P87C51RD2 Datasheet HTML 3Page - NXP Semiconductors P87C51RD2 Datasheet HTML 4Page - NXP Semiconductors P87C51RD2 Datasheet HTML 5Page - NXP Semiconductors P87C51RD2 Datasheet HTML 6Page - NXP Semiconductors P87C51RD2 Datasheet HTML 7Page - NXP Semiconductors P87C51RD2 Datasheet HTML 8Page - NXP Semiconductors P87C51RD2 Datasheet HTML 9Page - NXP Semiconductors P87C51RD2 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
Philips Semiconductors
Product data
P87C51RA2/RB2/RC2/RD2
80C51 8-bit microcontroller family 8KB/16KB/32KB/64KB OTP
with 512B/1KB RAM, low voltage (2.7 to 5.5 V), low power, high
speed (30/33 MHz)
2003 Jan 24
6
LOGIC SYMBOL
ADDRESS AND
DATA BUS
ADDRESS BUS
T2
T2EX
RxD
TxD
INT0
INT1
T0
T1
WR
RD
RST
EA/VPP
PSEN
ALE/PROG
VSS
VCC
XTAL1
XTAL2
SU01672
PINNING
Plastic Dual In-Line Package
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
T2/P1.0
T2EX/P1.1
ECI/P1.2
CEX0/P1.3
CEX1/P1.4
CEX2/P1.5
CEX3/P1.6
RST
RxD/P3.0
TxD/P3.1
INT0/P3.2
INT1/P3.3
T0/P3.4
T1/P3.5
CEX4/P1.7
WR/P3.6
RD/P3.7
XTAL2
XTAL1
VSS
P2.0/A8
P2.1/A9
P2.2/A10
P2.3/A11
P2.4/A12
P2.5/A13
P2.6/A14
P2.7/A15
PSEN
ALE/PROG
EA/VPP
P0.7/AD7
P0.6/AD6
P0.5/AD5
P0.4/AD4
P0.3/AD3
P0.2/AD2
P0.1/AD1
P0.0/AD0
VCC
DUAL
IN-LINE
PACKAGE
SU00021
Plastic Leaded Chip Carrier
LCC
61
40
7
17
39
29
18
28
Pin
Function
1
NIC*
2
P1.0/T2
3
P1.1/T2EX
4
P1.2/ECI
5
P1.3/CEX0
6
P1.4/CEX1
7
P1.5/CEX2
8
P1.6/CEX3
9
P1.7/CEX4
10
RST
11
P3.0/RxD
12
NIC*
13
P3.1/TxD
14
P3.2/INT0
15
P3.3/INT1
Pin
Function
16
P3.4/T0
17
P3.5/T1
18
P3.6/WR
19
P3.7/RD
20
XTAL2
21
XTAL1
22
VSS
23
NIC*
24
P2.0/A8
25
P2.1/A9
26
P2.2/A10
27
P2.3/A11
28
P2.4/A12
29
P2.5/A13
30
P2.6/A14
Pin
Function
31
P2.7/A15
32
PSEN
33
ALE/PROG
34
NIC*
35
EA/VPP
36
P0.7/AD7
37
P0.6/AD6
38
P0.5/AD5
39
P0.4/AD4
40
P0.3/AD3
41
P0.2/AD2
42
P0.1/AD1
43
P0.0/AD0
44
VCC
SU00023
* NO INTERNAL CONNECTION
Plastic Quad Flat Pack
LQFP
44
34
1
11
33
23
12
22
Pin
Function
1
P1.5/CEX2
2
P1.6/CEX3
3
P1.7/CEX4
4
RST
5
P3.0/RxD
6
NIC*
7
P3.1/TxD
8
P3.2/INT0
9
P3.3/INT1
10
P3.4/T0
11
P3.5/T1
12
P3.6/WR
13
P3.7/RD
14
XTAL2
15
XTAL1
Pin
Function
16
VSS
17
NIC*
18
P2.0/A8
19
P2.1/A9
20
P2.2/A10
21
P2.3/A11
22
P2.4/A12
23
P2.5/A13
24
P2.6/A14
25
P2.7/A15
26
PSEN
27
ALE/PROG
28
NIC*
29
EA/VPP
30
P0.7/AD7
Pin
Function
31
P0.6/AD6
32
P0.5/AD5
33
P0.4/AD4
34
P0.3/AD3
35
P0.2/AD2
36
P0.1/AD1
37
P0.0/AD0
38
VCC
39
NIC*
40
P1.0/T2
41
P1.1/T2EX
42
P1.2/ECI
43
P1.3/CEX0
44
P1.4/CEX1
SU01400
* NO INTERNAL CONNECTION


Similar Part No. - P87C51RD2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51RD+4A PHILIPS-P87C51RD+4A Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RD+4A PHILIPS-P87C51RD+4A Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RD+4B PHILIPS-P87C51RD+4B Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51RD+4B PHILIPS-P87C51RD+4B Datasheet
348Kb / 55P
   8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51RD+4N PHILIPS-P87C51RD+4N Datasheet
355Kb / 56P
   80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
More results

Similar Description - P87C51RD2

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FX52YE MEGAWIN-MG87FX52YE Datasheet
1Mb / 48P
   80C51 Central Processing Unit
logo
NXP Semiconductors
P89C51RC PHILIPS-P89C51RC Datasheet
287Kb / 50P
   80C51 Central Processing Unit
1999 Oct 27
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com