Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P83C280 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # P83C280
Description  80C51 type core
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P83C280 Datasheet(HTML) 2 Page - NXP Semiconductors

  P83C280 Datasheet HTML 1Page - NXP Semiconductors P83C280 Datasheet HTML 2Page - NXP Semiconductors P83C280 Datasheet HTML 3Page - NXP Semiconductors P83C280 Datasheet HTML 4Page - NXP Semiconductors P83C280 Datasheet HTML 5Page - NXP Semiconductors P83C280 Datasheet HTML 6Page - NXP Semiconductors P83C280 Datasheet HTML 7Page - NXP Semiconductors P83C280 Datasheet HTML 8Page - NXP Semiconductors P83C280 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 84 page
background image
1997 Dec 12
2
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
CONTENTS
1
FEATURES
1.1
Differences from the 80C51 core
1.2
Memory
2
GENERAL DESCRIPTION
3
ORDERING INFORMATION
4
BLOCK DIAGRAM
5
PINNING INFORMATION
5.1
Pinning
5.2
Pin description
6
FUNCTIONAL DESCRIPTION
6.1
General
7
MEMORY ORGANIZATION
7.1
Program memory
7.2
Internal data memory
7.3
Additional Special Function Registers
8
INTERRUPTS
8.1
Priority level structure
8.2
How interrupts are handled
8.3
Interrupt Enable Register (IE)
8.4
Interrupt Priority Register (IP)
9
WATCHDOG TIMER
10
INPUT/OUTPUT (I/O)
10.1
The alternative functions for Port 0, Port 1,
Port 2 and Port 3
10.2
EMI (Electromagnetic Interference) reduction
11
REDUCED POWER MODES
11.1
Power Control Register
11.2
Idle mode
11.3
Power-down mode
11.4
Status of external pins
12
OSCILLATOR
13
RESET
13.1
External reset
13.2
Power-on-reset
13.3
T2 (Watchdog Timer) overflow
14
ANALOG CONTROL (DC)
14.1
8-bit PWM outputs (PWM0 to PWM9)
14.2
14-bit PWM output (PWM10)
14.3
A typical PWM output application
15
ANALOG-TO-DIGITAL CONVERTER (ADC)
15.1
Conversion algorithm
16
DIGITAL-TO-ANALOG CONVERTER (DAC)
16.1
8-bit Data Registers for the DAC outputs
(DACn; n = 0 to 3)
17
DISPLAY DATA CHANNEL (DDC)
INTERFACE
17.1
Special Function Registers related to the DDC
interface
17.2
Host type detection
17.3
DDC1 protocol
17.4
DDC2B protocol
17.5
DDC2AB/DDC2B+ protocol
17.6
RAM buffer for the system and DDC application
18
I2C-BUS INTERFACE
19
HARDWARE MODE DETECTION
19.1
Special Function Register for mode detection
and sync separation
19.2
System description
19.3
System operation
20
POWER MANAGEMENT
21
CONTROL MODES
22
ONE TIME PROGRAMMABLE (OTP)
VERSION
23
LIMITING VALUES
24
HANDLING
25
DC CHARACTERISTICS
26
DIGITAL-TO-ANALOG CONVERTER
CHARACTERISTICS
27
AC CHARACTERISTICS
28
PACKAGE OUTLINE
29
SOLDERING
29.1
Introduction
29.2
Soldering by dipping or by wave
29.3
Repairing soldered joints
30
DEFINITIONS
31
LIFE SUPPORT APPLICATIONS
32
PURCHASE OF PHILIPS I2C COMPONENTS


Similar Part No. - P83C280

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P83C251SA16 INTEL-P83C251SA16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P83C251SB16 INTEL-P83C251SB16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P83C251SP16 INTEL-P83C251SP16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
P83C251SQ16 INTEL-P83C251SQ16 Datasheet
428Kb / 36P
   HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
NXP Semiconductors
P83C266 PHILIPS-P83C266 Datasheet
383Kb / 92P
   80C51 8-bit CPU
1999 Mar 10
More results

Similar Description - P83C280

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_03 Datasheet
343Kb / 30P
   80C51 Microcontrollers
AT89C51AC2 ATMEL-AT89C51AC2_05 Datasheet
324Kb / 29P
   80C51 Microcontrollers
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
   Split core type
RT2000 LEM-RT2000 Datasheet
672Kb / 4P
   Split core type
logo
NXP Semiconductors
8XC552 PHILIPS-8XC552 Datasheet
382Kb / 60P
   80C51 FAMILY DERIVATIVES
1996 Aug 06
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101_14 Datasheet
679Kb / 58P
   80C51 Code Compatible
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
P87C51RA2 PHILIPS-P87C51RA2 Datasheet
417Kb / 67P
   80C51 Central Processing Unit
2003 Jan 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com