Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C380(OTP) Datasheet(PDF) 7 Page - NXP Semiconductors

Part # P87C380(OTP)
Description  80C51 type core
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C380(OTP) Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button P87C380(OTP) Datasheet HTML 3Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 4Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 5Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 6Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 7Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 8Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 9Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 10Page - NXP Semiconductors P87C380(OTP) Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 84 page
background image
1997 Dec 12
7
Philips Semiconductors
Product specification
Microcontrollers for monitors with DDC
interface, auto-sync detection and sync proc.
P83Cx80; P87C380
5.2
Pin description
Table 2
Pin description for SDIP42 (SOT270-1)
SYMBOL
PIN
DESCRIPTION
PWM9/PATOUT/P3.1
41
PWM9 to PWM0: 8-bit Pulse Width Modulation outputs 9 to 0. Pin 41 and 42 can
also be used as the output pin of the test pattern display PATOUT and clamping out
signal CLAMP respectively; PATOUT and CLAMP always have the higher priority.
Alternative function general I/O ports; Port 3: P3.1 to P3.0 and
Port 2: P2.7 to P2.0.
PWM8/CLAMP/P3.0
42
PWM7/P2.7
1
PWM6/P2.6
2
PWM5/P2.5
3
PWM4/P2.4
4
PWM3/P2.3
5
PWM2/P2.2
6
PWM1/P2.1
7
PWM0/P2.0
8
XTAL1
9
Oscillator input pin for system clock.
XTAL2
10
Oscillator output pin for system clock.
VDD
11
Digital power supply (+5 V).
VSS
12
Digital ground.
HSYNCin/PROG
13
Horizontal sync input pin. During OTP programming it is used as the program pulse
input (PROG).
HSYNCout/P1.5
14
Horizontal sync output pin; alternative function: general I/O port P1.5.
CSYNCin/P1.6
15
Composite sync input pin; alternative function: general I/O port P1.6.
VSYNCin/OE
16
Vertical sync input pin. During OTP programming it is used as output strobe (OE).
VSYNCout/P1.4
17
Vertical sync output pin; alternative function: general I/O port P1.4.
P0.7 to P0.0
18 to 25 Port 0: general I/O ports; capability to drive LED.
RESET
26
Reset input; active HIGH initializes the device.
DAC0 to DAC3
27 to 30 8-bit DAC analog voltage output pins; output range: 0 to 5 V.
VSSA
31
Analog ground for DAC and ADC.
VDDA
32
Analog power supply (+5 V) for DAC and ADC.
ADC0/P3.2
33
ADC analog input pins; alternative function: general I/O ports P3.2 and P3.3.
ADC1/P3.3
34
INT1/VPP
35
External interrupt input pin. During OTP programming it is used as programming
supply voltage pin; VPP = 12.75 V.
SDA1/P1.3
36
I2C-bus serial data I/O port for the DDC2 interface; alternative function: general I/O
port P1.3.
SCL1/P1.2
37
I2C-bus serial clock I/O port for the DDC2 interface; alternative function: general I/O
port P1.2.
SDA/P1.1
38
I2C-bus serial data I/O port; alternative function: general I/O port P1.1.
SCL/P1.0
39
I2C-bus serial clock I/O port; alternative function: general I/O port P1.0.
PWM10/P1.7
40
14-bit Pulse Width Modulation output 10; alternative function: general I/O port P1.7.


Similar Part No. - P87C380(OTP)

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C38X2 PHILIPS-P87C38X2 Datasheet
380Kb / 62P
   80C51 8-bit microcontroller family 4K/8K/16K/32K ROM/OTP 128B/256B RAM low voltage 2.7 to 5.5 V, low power, high speed 30/33 MHz
2003 Jan 24
More results

Similar Description - P87C380(OTP)

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T89C5115 ATMEL-T89C5115_03 Datasheet
343Kb / 30P
   80C51 Microcontrollers
AT89C51AC2 ATMEL-AT89C51AC2_05 Datasheet
324Kb / 29P
   80C51 Microcontrollers
AT83C51RB2 ATMEL-AT83C51RB2_08 Datasheet
72Kb / 4P
   80C51 MCUs
T89C51CC01UA ATMEL-T89C51CC01UA Datasheet
136Kb / 8P
   80C51 MCUs
logo
LEM
RT500 LEM-RT500 Datasheet
682Kb / 4P
   Split core type
RT2000 LEM-RT2000 Datasheet
672Kb / 4P
   Split core type
logo
NXP Semiconductors
8XC552 PHILIPS-8XC552 Datasheet
382Kb / 60P
   80C51 FAMILY DERIVATIVES
1996 Aug 06
logo
ATMEL Corporation
T87C5101 ATMEL-T87C5101_14 Datasheet
679Kb / 58P
   80C51 Code Compatible
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
P87C51RA2 PHILIPS-P87C51RA2 Datasheet
417Kb / 67P
   80C51 Central Processing Unit
2003 Jan 24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com