Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C766 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # P87C766
Description  80C51 8-bit CPU
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C766 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button P87C766 Datasheet HTML 4Page - NXP Semiconductors P87C766 Datasheet HTML 5Page - NXP Semiconductors P87C766 Datasheet HTML 6Page - NXP Semiconductors P87C766 Datasheet HTML 7Page - NXP Semiconductors P87C766 Datasheet HTML 8Page - NXP Semiconductors P87C766 Datasheet HTML 9Page - NXP Semiconductors P87C766 Datasheet HTML 10Page - NXP Semiconductors P87C766 Datasheet HTML 11Page - NXP Semiconductors P87C766 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
1999 Mar 10
8
Philips Semiconductors
Product specification
Microcontrollers for PAL/SECAM TV
with OSD and VST
P8xCx66 family
5.2
Pin description
Table 2
Pin description for SDIP42 and PLCC68 packages
SYMBOL
PIN
I/O
DESCRIPTION
SDIP42
PLCC68
P5.0/TPWM
1
3
I/O
Port 5: 8-bit open-drain, bidirectional port.(P5.0 to P5.7) with 8 alternative
functions.
TWPM: 14-bit PWM output.
PWM0 to PWM6: 7-bit PWM outputs.
P5.1/PWM0
2
4
P5.2/PWM1
3
5
P5.3/PWM2
4
6
P5.4/PWM3
5
7
P5.5/PWM4
6
8
P5.6/PWM5
7
11
P5.7/PWM6
8
12
P3.0/ADC0
9
13
I/O
Port 3: 4-bit open-drain, bidirectional port.(P3.0 to P3.3) with 4 alternative
functions.
ADC0 to ADC2: ADC inputs.
PWM7: 7-bit PWM output.
P3.1/ADC1
10
16
P3.2/ADC2
11
18
P3.3/PWM7
12
20
P0.0 to P0.7
13 to 20
23 to 25,
28 to 32
I/O
Port 0: 8-bit open-drain, bidirectional port (P0.0 to P0.7).
VSSD
21
Ground line for digital circuits.
B
22
37
O
OSD blue colour output.
G
23
38
O
OSD green colour output.
R
24
39
O
OSD red colour output.
FB
25
40
O
OSD fast blanking output.
HSYNC
26
41
I
TV horizontal sync Schmitt trigger input (for OSD synchronization).
VSYNC
27
42
I
TV vertical sync Schmitt trigger input (for OSD synchronization).
VDDA
28
45
5 V analog power supply.
VSSA
29
46
Ground line for analog circuits.
VPP
30
48
I
+12.75 V programming voltage supply (OTP) for EPROM only. 0 V in
normal application. For the ROM version this pin is not connected.
XTALIN
31
50
I
Crystal input.
XTALOUT
32
51
O
Crystal output.


Similar Part No. - P87C766

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C748EBAA PHILIPS-P87C748EBAA Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBAA PHILIPS-P87C748EBAA Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBDDB PHILIPS-P87C748EBDDB Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBDDB PHILIPS-P87C748EBDDB Datasheet
147Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
P87C748EBPN PHILIPS-P87C748EBPN Datasheet
131Kb / 18P
   80C51 8-bit microcontroller family 2K/64 OTP/ROM, low pin count
1999 Apr 15
More results

Similar Description - P87C766

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C552SFAA NXP-P87C552SFAA Datasheet
341Kb / 74P
   80C51 8-bit microcontroller
2003 Apr 01
P8XCX70 PHILIPS-P8XCX70 Datasheet
268Kb / 80P
   Fully static 80C51 CPU
1999 Jun 11
P87CL52X2 PHILIPS-P87CL52X2 Datasheet
301Kb / 47P
   80C51 8-bit microcontroller family
2003 May 14
P83C660X2 PHILIPS-P83C660X2 Datasheet
574Kb / 102P
   80C51 8-bit microcontroller family
2003 Oct 02
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
P89C51RB2HXX PHILIPS-P89C51RB2HXX Datasheet
314Kb / 56P
   80C51 8-bit Flash microcontroller family
2002 May 24
P89C51RD2 PHILIPS-P89C51RD2 Datasheet
404Kb / 68P
   80C51 8-bit Flash microcontroller family
2002 Jul 18
P89C60X2 PHILIPS-P89C60X2 Datasheet
342Kb / 56P
   80C51 8-bit Flash microcontroller family
2003 Sep 11
P89C660 PHILIPS-P89C660 Datasheet
491Kb / 89P
   80C51 8-bit Flash microcontroller family
2002 Oct 28
P89C51X2 PHILIPS-P89C51X2 Datasheet
319Kb / 48P
   80C51 8-bit Flash microcontroller family
2002 Jun 05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com