Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P87C51RC2BA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # P87C51RC2BA
Description  80C51 Central Processing Unit
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C51RC2BA Datasheet(HTML) 4 Page - NXP Semiconductors

  P87C51RC2BA Datasheet HTML 1Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 2Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 3Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 4Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 5Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 6Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 7Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 8Page - NXP Semiconductors P87C51RC2BA Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 67 page
background image
Philips Semiconductors
Product data
P87C51RA2/RB2/RC2/RD2
80C51 8-bit microcontroller family 8KB/16KB/32KB/64KB OTP
with 512B/1KB RAM, low voltage (2.7 to 5.5 V), low power, high
speed (30/33 MHz)
2003 Jan 24
4
BLOCK DIAGRAM 1
su01657
ACCELERATED 80C51 CPU
(12-CLK MODE, 6-CLK MODE)
8K / 16K / 32K /
64 KBYTE
CODE OTP
512 / 1024 BYTE
DATA RAM
PORT 3
CONFIGURABLE I/Os
PORT 2
CONFIGURABLE I/Os
PORT 1
CONFIGURABLE I/Os
PORT 0
CONFIGURABLE I/Os
OSCILLATOR
CRYSTAL OR
RESONATOR
FULL-DUPLEX
ENHANCED UART
TIMER 0
TIMER 1
TIMER 2
PROGRAMMABLE
COUNTER ARRAY
(PCA)
WATCHDOG TIMER


Similar Part No. - P87C51RC2BA

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
P87C51RC24 INTEL-P87C51RC24 Datasheet
424Kb / 20P
   8XC51RA/RB/RC CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results

Similar Description - P87C51RC2BA

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MG87FX52YE MEGAWIN-MG87FX52YE Datasheet
1Mb / 48P
   80C51 Central Processing Unit
logo
NXP Semiconductors
P89C51RC PHILIPS-P89C51RC Datasheet
287Kb / 50P
   80C51 Central Processing Unit
1999 Oct 27
P8XCE560 PHILIPS-P8XCE560 Datasheet
442Kb / 84P
   80C51 Central Processing Unit (CPU)
1997 Aug 01
logo
Zilog, Inc.
Z84C0010PEC ZILOG-Z84C0010PEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z8400 ZILOG-Z8400 Datasheet
1,003Kb / 35P
   CENTRAL PROCESSING UNIT
Z84C0006VEG ZILOG-Z84C0006VEG Datasheet
1Mb / 36P
   Central Processing Unit
Z84C0006PEG ZILOG-Z84C0006PEG Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
Z84C0008VEC ZILOG-Z84C0008VEC Datasheet
1Mb / 36P
   CENTRAL PROCESSING UNIT
logo
STMicroelectronics
Z8001SEGCPU STMICROELECTRONICS-Z8001SEGCPU Datasheet
4Mb / 82P
   CENTRAL PROCESSING UNIT
logo
Zilog, Inc.
Z84C0010FEC ZILOG-Z84C0010FEC Datasheet
1Mb / 36P
   Central Processing Unit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com