Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SBT-BGA-6521 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # SBT-BGA-6521
Description  Low and stable contact resistance for reliable production yield
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

SBT-BGA-6521 Datasheet(HTML) 2 Page - Ironwood Electronics.

  SBT-BGA-6521 Datasheet HTML 1Page - Ironwood Electronics. SBT-BGA-6521 Datasheet HTML 2Page - Ironwood Electronics. SBT-BGA-6521 Datasheet HTML 3Page - Ironwood Electronics. SBT-BGA-6521 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
10.8325
13.3725
27.20
0.80 TYP
2X
0.850±0.025 THRU ALL
NON-PLATED
ALIGNMENT HOLE
4X
1.70±0.10 THRU ALL
NON-PLATED
MOUNTING HOLE
31.825
31.825
34.325
Socket Base
36.825
Insulation Plate
Details on Page 4
35.175
Bottom
Guide
A1 mark on socket base
0.035 M A B C
0.025 M A B C
B
C
Datum A is top of PCB
Target PCB Recommendations
Total thickness: 1.6mm min
Pads: Gold or Solder Finish
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 10/21/2014
Material: N/A
Finish: N/A
Weight: 43.35
SBT-BGA-6521 Drawing
SCALE: 3:1
SHEET: 2 OF 4
ENG: B. Schatz
FILE: SBT-BGA-6521 Dwg
DRAWN BY: M. Raske


Similar Part No. - SBT-BGA-6521

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-6520 IRONWOOD-SBT-BGA-6520 Datasheet
537Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6522 IRONWOOD-SBT-BGA-6522 Datasheet
639Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6523 IRONWOOD-SBT-BGA-6523 Datasheet
270Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6524 IRONWOOD-SBT-BGA-6524 Datasheet
287Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6525 IRONWOOD-SBT-BGA-6525 Datasheet
564Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
More results

Similar Description - SBT-BGA-6521

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com