Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ2205L Datasheet(PDF) 3 Page - Texas Instruments

Part # BQ2205L
Description  POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3V SRAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ2205L Datasheet(HTML) 3 Page - Texas Instruments

  BQ2205L Datasheet HTML 1Page - Texas Instruments BQ2205L Datasheet HTML 2Page - Texas Instruments BQ2205L Datasheet HTML 3Page - Texas Instruments BQ2205L Datasheet HTML 4Page - Texas Instruments BQ2205L Datasheet HTML 5Page - Texas Instruments BQ2205L Datasheet HTML 6Page - Texas Instruments BQ2205L Datasheet HTML 7Page - Texas Instruments BQ2205L Datasheet HTML 8Page - Texas Instruments BQ2205L Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
bq2205LY
SLUS581 − FEBRUARY 2004
3
www.ti.com
ELECTRICAL CHARACTERISTICS
(TA = 25°C, VCC(min) ≤ VCC ≤ VCC(max) unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC supply current, ICC(vcc)
VCC > VCC(MIN)
CE = low
CECONX = 0 mA
210
500
µA
Backup Battery Supply Current, ICC(BC)
VBC > VBC(MIN), VCC = 0 V
CE = low
CECONX = 0 mA
50
150
nA
Output voltage (VOUT)
I(VOUT) = 80 mA, VCC > V(SO)
Vcc−0.3
Output voltage (VOUT)
I(VOUT)= 100µ A, VCC < V(SO)
VBC−0.3
Power fail detect voltage, VPFD
2.85
2.9
2.95
Supply switch-over voltage, VSO
VBC > V(PFD)
VPFD
V
Supply switch-over voltage, VSO
VBC < V(PFD)
VBC
V
RST output voltage
I(RST) = 1 mA
0.4
BW output voltage
I(BW)= 1 mA
0.4
Input leakage current on A and CE pins
−1
1
µA
Voh CEcon1,2
Ioh = 0.5 mA
2.4
Vol CEcon1,2
Iol = 2.0 mA
0.4
V
Battery warning level VBW
(1)
0.677xVCC
V
Capacitance
Output capacitance
VOUT = 0 V
7
pF
Input capacitance
VOUT = 0 V
5
pF
Power-Down and Power-Up Timing, Refer to Figure 1 through 3
VCC slew rate fall time, tF
3.0 V to 0.0 V
300
s
VCC slew rate rise time, tR
VSO to VPFD(max)
100
µs
VPFD to RST active, tRST
(reset active timeout period)
30
85
ms
Chip-enable recovery time, tCER
(2)
30
85
ms
Chip-enable propagation delay time to external
SRAM, tCED
See Figure 2
15
25
ns
Push-button low time, tPBL
RST pin
1
µs
(1)
Battery warning level is detected on power up and the BW pin is latched at tCER time after VCC passes through VPFD on power up.
(2)
Time during which external SRAM is write protected after VCC passes through VPFD on power up.


Similar Part No. - BQ2205L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2205LY TI-BQ2205LY Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER
BQ2205LYPW TI1-BQ2205LYPW Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LYPWG4 TI1-BQ2205LYPWG4 Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LYPWR TI1-BQ2205LYPWR Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LYPWRG4 TI1-BQ2205LYPWRG4 Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
More results

Similar Description - BQ2205L

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2205LYPWR TI1-BQ2205LYPWR Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER FOR 3.3-V SRAM
BQ2205LY TI-BQ2205LY Datasheet
548Kb / 14P
[Old version datasheet]   POWER MONITORING AND SWITCHING CONTROLLER
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Lattice Semiconductor
POWR6AT6 LATTICE-POWR6AT6 Datasheet
919Kb / 34P
   In-System Programmable Power Supply Monitoring and Margining Controller
ISPPAC-POWR1220AT8 LATTICE-ISPPAC-POWR1220AT8 Datasheet
1Mb / 54P
   In-System Programmable Power Supply Monitoring, Sequencing and Margining Controller
logo
Analog Devices
ADM1276 AD-ADM1276 Datasheet
628Kb / 48P
   Hot Swap Controller and Digital Power and Energy Monitoring with PMBus Interface
REV. 0
logo
Linear Technology
LTC1649 LINER-LTC1649_1 Datasheet
218Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649_15 Datasheet
224Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
LTC1649 LINER-LTC1649 Datasheet
201Kb / 16P
   3.3V Input High Power Step-Down Switching Regulator Controller
logo
Alliance Semiconductor ...
AS7C31025C ALSC-AS7C31025C Datasheet
122Kb / 9P
   3.3V 128K X 8 CMOS SRAM (Center power and ground)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com