Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LS-BGA676C-05 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # LS-BGA676C-05
Description  Materials and specifications are subject to change without notice
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

LS-BGA676C-05 Datasheet(HTML) 1 Page - Ironwood Electronics.

  LS-BGA676C-05 Datasheet HTML 1Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A1
1
2
1
0-80 Threaded Insert
3.18mm
[0.125"]
1.00mm typ.
[0.039"]
25.00mm [0.984"]
34.725mm [1.367"]
2.74mm [0.108"]
2.50mm [0.098"]
25.00mm
[0.984"]
5.08mm
[0.200"]
2.36mm
[0.093"]
2.50mm
[0.098"]
34.725mm
[1.367"]
29.725mm [1.170"]
Ø 0.4826mm typ.[Ø ]
Pin: Brass - PS-2
Plating: 10u" Au over 50u" Ni min.
2.54mm
[0.100"]
29.725mm
[1.170"]
2
2.41mm
[0.095"]
Substrate: 3.18mm ±0.125mm [0.125" ±0.005"]
FR4/G10 or equivalent high temp material. Non-clad.
Side View
Top View
Description: Thru hole Adaptor
676 position surface mount land pattern to terminal pins (1mm centers, 26x26 array). To be used with GHz sockets.
Status: Released
Drawing: S.Natarajan
Scale: 3:1
Rev: C
Date: 6/23/05
Modified: 11/12/09 MT/MR
File: LS-BGA676C-05 Dwg
LS-BGA676C-05 Drawing
© 2005 IRONWOOD ELECTRONICS, INC.
PO BOX 21151 ST. PAUL, MN 55121
Tele: (651) 452-8100
www.ironwoodelectronics.com
Tolerances: diameters ±0.03mm [±0.001”], PCB perimeters ±0.13mm [±0.005”], PCB thicknesses ±0.18mm [±0.007"], pitches (from true position)
±0.08mm [±0.003"], all other tolerances ±0.13mm [±0.005”] unless stated otherwise. Materials and specifications are subject to change without notice.
RoHS
RoHS


Similar Part No. - LS-BGA676C-05

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA676C-41 IRONWOOD-LS-BGA676C-41 Datasheet
51Kb / 1P
   Materials and specifications are subject to change without notice
More results

Similar Description - LS-BGA676C-05

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
LS-BGA121A-05 IRONWOOD-LS-BGA121A-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA144L-05 IRONWOOD-LS-BGA144L-05 Datasheet
27Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196E-05 IRONWOOD-LS-BGA196E-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1069A-05 IRONWOOD-LS-BGA1069A-05 Datasheet
76Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA1392A-05 IRONWOOD-LS-BGA1392A-05 Datasheet
207Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA196J-05 IRONWOOD-LS-BGA196J-05 Datasheet
30Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA324M-05 IRONWOOD-LS-BGA324M-05 Datasheet
37Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA364B-05 IRONWOOD-LS-BGA364B-05 Datasheet
38Kb / 1P
   Materials and specifications are subject to change without notice
LS-BGA388B-05 IRONWOOD-LS-BGA388B-05 Datasheet
48Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1005A-B-32 IRONWOOD-SF-BGA1005A-B-32 Datasheet
99Kb / 1P
   Materials and specifications are subject to change without notice
SF-BGA1024B-B-32F IRONWOOD-SF-BGA1024B-B-32F Datasheet
121Kb / 1P
   Materials and specifications are subject to change without notice
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com