Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ296106DSGT Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # BQ296106DSGT
Description  Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ296106DSGT Datasheet(HTML) 1 Page - Texas Instruments

  BQ296106DSGT Datasheet HTML 1Page - Texas Instruments BQ296106DSGT Datasheet HTML 2Page - Texas Instruments BQ296106DSGT Datasheet HTML 3Page - Texas Instruments BQ296106DSGT Datasheet HTML 4Page - Texas Instruments BQ296106DSGT Datasheet HTML 5Page - Texas Instruments BQ296106DSGT Datasheet HTML 6Page - Texas Instruments BQ296106DSGT Datasheet HTML 7Page - Texas Instruments BQ296106DSGT Datasheet HTML 8Page - Texas Instruments BQ296106DSGT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Pack +
100
Ÿ
VCELL2
VCELL1
OUT
VDD
VSS
Pack
±
V2
V1
REG_EN
1
V3
REG
VCELL3
PWPD
bq2960
MCU
CTL
0.1 µF
0.1 µF
0.1 µF
0.1 µF
Protector
FETs
0.47 µF
10 M
(Optional)
External
Circuit
e.g., RTC
1
1
5
(*)
* can be removed if Vss will be
connected first during cell
connection
bq2960 REG out is controlled by MCU
VCELL2
VCELL1
OUT
VDD
VSS
1
1
Pack
±
V3
V2
V1
1
V4
REG
VCELL3
PWPD
bq2961
bq2962
0.1 µF
0.1 µF
0.1 µF
0.1 µF
Pack +
Protector
FETs
0.47 µF
External
Circuit
e.g., RTC
0.1 µF
VCELL4
1
5
(*)
* can be removed if Vss will be
connected first during cell
connection
100
Ÿ
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. UNLESS OTHERWISE NOTED, this document contains PRODUCTION
DATA.
bq2961, bq2962
SLUSBU5D – NOVEMBER 2013 – REVISED JANUARY 2017
bq296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell
Li-Ion Batteries with Regulated Output Supply
1
1 Features
1
2-Series, 3-Series, and 4-Series Cell Overvoltage
Protection (OVP)
Fixed Delay Timer to Trigger FET Drive Output
(3-s, 4-s, 5.5-s or 6.5-s Options)
Factory Programmed OVP Threshold (Threshold
Range 3.85 V to 4.6 V)
Output Options: Active High
High-Accuracy Overvoltage Protection:
±10 mV
Regulated Supply Output With Self-Disable and/or
External Enable/Disable Control
Options: 3.3-V, 2.5-V, and 1.8-V (bq2960,
bq2961)
Options: 3.3-V, 3.15-V, 3.0-V (bq2962)
Low Power Consumption ICC ≈ 4 µA
(VCELL(ALL) < VPROTECT)
Extra Low Power Consumption With REG Output
Disabled, ICC ~ 1.2 µA
Low Leakage Current Per Cell Input < 100 nA
Small Package Footprint
8-Pin WSON (2 mm × 2 mm)
2 Applications
Notebook PC
Ultrabooks
Medical
UPS Battery Backup
3 Description
The bq296xxx family is a high accuracy, low power
overvoltage protector with a 1-mA regulated output
supply for Li-Ion battery pack applications.
Each cell in a 2-series to 4-series cell stack is
individually monitored for an overvoltage condition.
An internally fixed-delay timer is initiated upon
detection of an overvoltage condition on any cell;
upon expiration of the delay timer, an output pin is
triggered into an active state to indicate that an
overvoltage condition has occurred.
The regulated output supply delivers up to 1-mA
(max) output current to drive always-on circuits, such
as a real-time clock (RTC) oscillator. The bq296xxx
family has a self-disable function to turn off the
regulated output if any cell voltage falls below a
certain threshold, thereby preventing drain on the
battery, and provides an external control to enable or
disable the regulated output.
Device Information(1)(2)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
bq2960
WSON (8)
2.00 mm × 2.00 mm
bq2961
bq2962
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
(2) The bq2960 is a 2-S to 3-S device. The bq2961 and bq2962
are 2-S to 4-S devices.
Simplified Schematic


Similar Part No. - BQ296106DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ296106DSGT TI1-BQ296106DSGT Datasheet
1Mb / 29P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries
BQ296106DSGT TI1-BQ296106DSGT Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296106DSGT TI1-BQ296106DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296106DSGT TI1-BQ296106DSGT Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ296106DSGT TI1-BQ296106DSGT Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
More results

Similar Description - BQ296106DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ2961 TI1-BQ2961_16 Datasheet
1Mb / 31P
[Old version datasheet]   Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V07 Datasheet
2Mb / 31P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
REVISED AUGUST 2021
BQ2961 TI1-BQ2961_V01 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V02 Datasheet
2Mb / 34P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V03 Datasheet
2Mb / 35P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V05 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI1-BQ2961_V04 Datasheet
2Mb / 36P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ2961 TI-BQ2961_V08 Datasheet
2Mb / 32P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
APRIL 2022
BQ2961 TI-BQ2961_V06 Datasheet
2Mb / 30P
[Old version datasheet]   BQ296xxx Overvoltage Protection for 2-Series, 3-Series, and 4-Series Cell Li-Ion Batteries with Regulated Output Supply
BQ294502 TI1-BQ294502_17 Datasheet
1Mb / 26P
[Old version datasheet]   Overvoltage Protection For 2-Series and 3-Series Cell Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com