Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC1G07QDBVRQ1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G07QDBVRQ1
Description  SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G07QDBVRQ1 Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC1G07QDBVRQ1 Datasheet HTML 1Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 2Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 3Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 4Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 5Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 6Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 7Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 8Page - Texas Instruments SN74LVC1G07QDBVRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
N.C. – No internal connection
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
2
5
3
4
Y
1
A
GND
N.C.
V
CC
A
Y
2
4
SN74LVC1G07-Q1
www.ti.com
SCES826
– MARCH 2011
SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
Check for Samples: SN74LVC1G07-Q1
1
FEATURES
Qualified for Automotive Applications
Supports 5-V VCC Operation
Input and Open-Drain Output Accept
Voltages up to 5.5 V
Max tpd of 5.7 ns at 3.3 V
Low Power Consumption, 10-
μA Max ICC
±24-mA Output Drive at 3.3 V
Ioff Supports Partial-Power-Down Mode
Operation
DESCRIPTION/ORDERING INFORMATION
This single buffer/driver is designed for 1.65-V to 5.5-V VCC operation.
The output of the SN74LVC1G07-Q1 device is open drain and can be connected to other open-drain outputs to
implement active-low wired-OR or active-high wired-AND functions. The maximum sink current is 32 mA.
This device is fully specified for partial-power-down applications using Ioff.The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
ORDERABLE
TOP-SIDE
TA
PACKAGE(1) (2)
PART NUMBER
MARKING
–40°C to 125°C
SOT (SOT-23)
– DBV
Reel of 3000
SN74LVC1G07QDBVRQ1
CCQO
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
FUNCTION TABLE
INPUT
OUTPUT
A
Y
L
L
H
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2011, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC1G07QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G07QDBVRQ1 TI1-SN74LVC1G07QDBVRQ1 Datasheet
362Kb / 11P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07QDBVRQ1 TI1-SN74LVC1G07QDBVRQ1 Datasheet
883Kb / 21P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07QDBVRQ1 TI1-SN74LVC1G07QDBVRQ1 Datasheet
1Mb / 21P
[Old version datasheet]   SN74LVC1G07-Q1 Single Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G07QDBVRQ1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVCE1G07_1012 DIODES-74LVCE1G07_1012 Datasheet
276Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 2 - 2
74LVC1G07_1010 DIODES-74LVC1G07_1010 Datasheet
247Kb / 13P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32274 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_08 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI-SN74LVC1G07 Datasheet
394Kb / 16P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07 TI1-SN74LVC1G07_18 Datasheet
2Mb / 44P
[Old version datasheet]   Single Buffer/Driver With Open-Drain Output
SN74LVC1G07 TI-SN74LVC1G07_10 Datasheet
860Kb / 18P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G07-EP TI1-SN74LVC1G07-EP Datasheet
543Kb / 12P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
logo
Diodes Incorporated
74AHC1G07Q DIODES-74AHC1G07Q Datasheet
535Kb / 9P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
August 2020 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G07 TI-SN74AUC1G07 Datasheet
309Kb / 12P
[Old version datasheet]   SINGLE BUFFER /DRIVER WITH OPEN - DRAIN OUTPUT
logo
Diodes Incorporated
74LVCE1G07 DIODES-74LVCE1G07 Datasheet
220Kb / 10P
   SINGLE BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32275 Rev. 1 - 2
logo
Texas Instruments
SN74LVC1G07 TI-SN74LVC1G07_07 Datasheet
667Kb / 17P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com