Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28379S Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS320F28379S
Description  Delfino Microcontrollers
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28379S Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS320F28379S_17 Datasheet HTML 3Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 4Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 5Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 6Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 7Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 8Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 9Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 10Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 213 page
background image
7
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881C – AUGUST 2014 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Device Comparison
Copyright © 2014–2016, Texas Instruments Incorporated
3
Device Comparison
Table 3-1 lists the features of each 2837xS device.
Table 3-1. Device Comparison
FEATURE
(1)
28379S
28377S
28376S
28375S
28374S
Package Type
(ZWT is an nFBGA package.
PTP is an HLQFP package.
PZP is an HTQFP package.)
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
337-
Ball
ZWT
176-
Pin
PTP
100-
Pin
PZP
Processor and Accelerators
C28x
Number
1
Frequency (MHz)
200
Floating-Point Unit (FPU)
Yes
VCU-II
Yes
TMU – Type 0
Yes
CLA – Type 1
Number
1
Frequency (MHz)
200
6-Channel DMA – Type 0
1
Memory
Flash (16-bit words)
1MB (512KW)
1MB (512KW)
512KB (256KW)
1MB (512KW)
512KB (256KW)
RAM
(16-bit words)
Dedicated and Local
Shared RAM
36KB (18KW)
Global Shared RAM
128KB (64KW)
128KB (64KW)
96KB (48KW)
128KB (64KW)
96KB (48KW)
Total RAM
164KB (82KW)
164KB (82KW)
132KB (66KW)
164KB (82KW)
132KB (66KW)
Code security for on-chip flash, RAM, and
OTP blocks
Yes
Boot ROM
Yes
System
Configurable Logic Block (CLB)
Yes
No
32-bit CPU timers
3
Watchdog timers
1
Nonmaskable Interrupt Watchdog (NMIWD)
timers
1
Crystal oscillator/External clock input
1
0-pin internal oscillator
2
I/O pins (shared) GPIO
169
97
41
169
97
41
169
97
41
169
97
41
169
97
41
External interrupts
5
EMIF
EMIF1 (16-bit or 32-bit)
1
1
1
1
1
EMIF2 (16-bit)
1
1
1
1
1
Analog Peripherals
ADC 16-bit mode
MSPS
1.1
Conversion Time (ns)
(2)
915
Input pins
24
20
14
24
20
14
24
20
14
Channels (differential)
12
9
7
12
9
7
12
9
7
ADC 12-bit mode
MSPS
3.5
Conversion Time (ns)
(2)
290
Input pins
24
20
14
24
20
14
24
20
14
24
20
14
24
20
14
Channels
(single-ended)
24
20
14
24
20
14
24
20
14
24
20
14
24
20
14
Number of 16-bit or 12-bit ADCs
4
2
4
2
4
2
Number of 12-bit only ADCs
4
2
4
2
Temperature sensor
1
CMPSS (each CMPSS has two comparators
and two internal DACs)
8
4
8
4
8
4
8
4
8
4
Buffered DAC
3


Similar Part No. - TMS320F28379S_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
More results

Similar Description - TMS320F28379S_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V01 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_15 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_18 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V02 Datasheet
4Mb / 170P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com