Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28379S Datasheet(PDF) 9 Page - Texas Instruments

Part # TMS320F28379S
Description  Delfino Microcontrollers
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMS320F28379S Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMS320F28379S_17 Datasheet HTML 5Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 6Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 7Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 8Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 9Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 10Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 11Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 12Page - Texas Instruments TMS320F28379S_17 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 213 page
background image
9
TMS320F28379S, TMS320F28377S
TMS320F28376S, TMS320F28375S, TMS320F28374S
www.ti.com
SPRS881C – AUGUST 2014 – REVISED MAY 2016
Submit Documentation Feedback
Product Folder Links: TMS320F28379S TMS320F28377S TMS320F28376S TMS320F28375S TMS320F28374S
Device Comparison
Copyright © 2014–2016, Texas Instruments Incorporated
3.1
Related Products
For information about other devices in this family of products, see the following links:
TMS320F2837xD Dual-Core Delfino™ Microcontrollers
The Delfino™ TMS320F2837xD is a powerful 32-bit floating-point microcontroller unit (MCU) designed for
advanced closed-loop control applications such as industrial drives and servo motor control; solar
inverters and converters; digital power; transportation; and power line communications. Complete
development packages for digital power and industrial drives are available as part of the powerSUITE and
DesignDRIVE initiatives. While the Delfino product line is not new to the TMS320C2000™ portfolio, the
F2837xD supports a new dual-core C28x architecture that significantly boosts system performance. The
integrated analog and control peripherals also let designers consolidate control architectures and eliminate
multiprocessor use in high-end systems.
TMS320F2807x Piccolo™ Microcontrollers
The TMS320F2807x microcontroller platform is part of the Piccolo™ family and is suited for advanced
closed-loop control applications such as industrial drives and servo motor control; solar inverters and
converters; digital power; transportation; and power line communications. Complete development
packages for digital power and industrial drives are available as part of the powerSUITE and
DesignDRIVE initiatives.
TMS320F2833x Digital Signal Controllers (DSCs)
The TMS320F28335, TMS320F28334, and TMS320F28332 devices, members of the TMS320C28x/
Delfino™ DSC/MCU generation, are highly integrated, high-performance solutions for demanding control
applications.
TMS320F2823x Digital Signal Controllers (DSCs)
The TMS320F28235, TMS320F28234, and TMS320F28232 devices, members of the TMS320C28x/
Delfino™ DSC/MCU generation, are highly integrated, high-performance solutions for demanding control
applications.
TMS320C2834x Delfino Microcontrollers
The TMS320C2834x (C2834x) Delfino™ microcontroller unit (MCU) devices build on TI's existing F2833x
high-performance floating-point microcontrollers. The C2834x delivers up to 300 MHz of floating-point
performance, and has up to 516KB of on-chip RAM. Designed for real-time control applications, the
C2834x is based on the C28x core, making it code-compatible with all C28x microcontrollers. The on-chip
peripherals and low-latency core make the C2834x an excellent solution for performance-hungry real-time
control applications.


Similar Part No. - TMS320F28379S_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F28379S TI1-TMS320F28379S_16 Datasheet
2Mb / 213P
[Old version datasheet]   Programmable Control Law Accelerator
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
More results

Similar Description - TMS320F28379S_17

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C28346 TI-TMS320C28346_11 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346 Datasheet
1Mb / 153P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V01 Datasheet
2Mb / 173P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_15 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI1-TMS320C28346_18 Datasheet
2Mb / 170P
[Old version datasheet]   Delfino Microcontrollers
TMS320F28379S TI1-TMS320F28379S_18 Datasheet
2Mb / 220P
[Old version datasheet]   Delfino Microcontrollers
TMS320C28346 TI-TMS320C28346_V02 Datasheet
4Mb / 170P
[Old version datasheet]   TMS320C2834x Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D Datasheet
2Mb / 212P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28379D TI1-TMS320F28379D_18 Datasheet
2Mb / 222P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
TMS320F28377D-EP TI1-TMS320F28377D-EP_18 Datasheet
2Mb / 206P
[Old version datasheet]   Dual-Core Delfino Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com