Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS568215OARNNT Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS568215OARNNT
Description  4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS568215OARNNT Datasheet(HTML) 5 Page - Texas Instruments

  TPS568215OARNNT Datasheet HTML 1Page - Texas Instruments TPS568215OARNNT Datasheet HTML 2Page - Texas Instruments TPS568215OARNNT Datasheet HTML 3Page - Texas Instruments TPS568215OARNNT Datasheet HTML 4Page - Texas Instruments TPS568215OARNNT Datasheet HTML 5Page - Texas Instruments TPS568215OARNNT Datasheet HTML 6Page - Texas Instruments TPS568215OARNNT Datasheet HTML 7Page - Texas Instruments TPS568215OARNNT Datasheet HTML 8Page - Texas Instruments TPS568215OARNNT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
TPS568215OA
www.ti.com
SLVSDU7 – JANUARY 2017
Product Folder Links: TPS568215OA
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
TPS568215OA
UNIT
RNN (VQFN)
18 PINS
RθJA
Junction-to-ambient thermal resistance
42.3
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
23.9
°C/W
RθJB
Junction-to-board thermal resistance
10.0
°C/W
ψJT
Junction-to-top characterization parameter
0.5
°C/W
ψJB
Junction-to-board characterization parameter
10.0
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.5
°C/W


Similar Part No. - TPS568215OARNNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNR TI1-TPS568215RNNR Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS568215RNNT TI1-TPS568215RNNT Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
More results

Similar Description - TPS568215OARNNT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS568215 TI1-TPS568215 Datasheet
461Kb / 10P
[Old version datasheet]   4.5-V to 17-V Input , 8-A Synchronous Step-Down SWIFT??Converter
TPS56C215 TI1-TPS56C215 Datasheet
1Mb / 35P
[Old version datasheet]   4.5-V to 17-V Input , 12-A Synchronous Step-Down SWIFT Converter
TPS54620 TI1-TPS54620_16 Datasheet
2Mb / 46P
[Old version datasheet]   4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT Converter
TPS54A24 TI1-TPS54A24 Datasheet
1Mb / 43P
[Old version datasheet]   4.5-V to 17-V Input, 10-A Synchronous SWIFT Step-Down Converter
TPS54824 TI1-TPS54824 Datasheet
2Mb / 38P
[Old version datasheet]   4.5-V to 17-V Input, Current Mode, 8-A Synchronous SWIFT Step-Down Converter
TPS54821 TI1-TPS54821 Datasheet
1Mb / 37P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54821 TI1-TPS54821_16 Datasheet
1Mb / 42P
[Old version datasheet]   4.5 V to 17 V Input, 8 A Synchronous Step Down Converter
TPS54620 TI-TPS54620_15 Datasheet
1Mb / 41P
[Old version datasheet]   TPS54620 4.5-V to 17-V Input, 6-A Synchronous Step Down SWIFT??Converter
TPS54821 TI-TPS54821_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54821 4.5 V to 17 V Input, 8 A Synchronous Step Down SWIFT??Converter With Hiccup
TPS54320 TI-TPS54320_15 Datasheet
1Mb / 42P
[Old version datasheet]   TPS54320 4.5- to 17-V Input, 3-A Synchronous Step Down SWIFT??Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com