Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294707DSGR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294707DSGR
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294707DSGR Datasheet(HTML) 9 Page - Texas Instruments

Back Button BQ294707DSGR Datasheet HTML 5Page - Texas Instruments BQ294707DSGR Datasheet HTML 6Page - Texas Instruments BQ294707DSGR Datasheet HTML 7Page - Texas Instruments BQ294707DSGR Datasheet HTML 8Page - Texas Instruments BQ294707DSGR Datasheet HTML 9Page - Texas Instruments BQ294707DSGR Datasheet HTML 10Page - Texas Instruments BQ294707DSGR Datasheet HTML 11Page - Texas Instruments BQ294707DSGR Datasheet HTML 12Page - Texas Instruments BQ294707DSGR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
OUT
V4
V3
V1
V2
VSS
VDD
CD
PACK+
PACK–
RIN
CCD
CVD
RVD
VOV
8
7
9
1
2
3
4
5
6
PWPD
Enable
Active
Delay Charge/
Discharge Circuit
CIN
CIN
CIN
CIN
RIN
RIN
RIN
9
bq2947
www.ti.com
SLUSB15F – SEPTEMBER 2012 – REVISED JANUARY 2017
Product Folder Links: bq2947
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The bq2947 is a second level overvoltage (OV) protector. Each cell is monitored independently by comparing the
actual cell voltage to a protection voltage threshold, VOV. The protection threshold is preprogrammed at the
factory with a range between 3.85 V and 4.65 V.
8.2 Functional Block Diagram
Figure 7 shows a CMOS Active High configuration.
Figure 7. Block Diagram
NOTE
In the case of an Open Drain Active Low configuration, an external pull-up resistor is
required on the OUT terminal.
8.3 Feature Description
In the bq2947 family of devices, if any cell voltage exceeds the programmed OV value, a timer circuit is
activated. This timer circuit charges the CD pin to a nominal value, then slowly discharges it with a fixed current
back down to VSS. When the CD pin falls below a nominal threshold near VSS, the OUT terminal goes from
inactive to active state. Additionally, a timeout detection circuit checks to ensure that the CD pin successfully
begins charging to above VSS and subsequently drops back down to VSS, and if a timeout error is detected in
either direction, it will similarly trigger the OUT pin to become active. See Figure 9 for details on CD and OUT pin
behavior during an overvoltage event.


Similar Part No. - BQ294707DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707DSGR TI1-BQ294707DSGR Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294707DSGR TI1-BQ294707DSGR Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294707DSGR TI-BQ294707DSGR Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294707DSGR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com