Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ294707DSGT Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # BQ294707DSGT
Description  Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

BQ294707DSGT Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ294707DSGT Datasheet HTML 7Page - Texas Instruments BQ294707DSGT Datasheet HTML 8Page - Texas Instruments BQ294707DSGT Datasheet HTML 9Page - Texas Instruments BQ294707DSGT Datasheet HTML 10Page - Texas Instruments BQ294707DSGT Datasheet HTML 11Page - Texas Instruments BQ294707DSGT Datasheet HTML 12Page - Texas Instruments BQ294707DSGT Datasheet HTML 13Page - Texas Instruments BQ294707DSGT Datasheet HTML 14Page - Texas Instruments BQ294707DSGT Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
bq2947
www.ti.com
SLUSB15F – SEPTEMBER 2012 – REVISED JANUARY 2017
Product Folder Links: bq2947
Submit Documentation Feedback
Copyright © 2012–2017, Texas Instruments Incorporated
Feature Description (continued)
8.3.1 Pin Details
8.3.1.1 Input Sense Voltage, Vx
These inputs sense each battery cell voltage. A series resistor and a capacitor across the cell for each input is
required for noise filtering and stable voltage monitoring.
8.3.1.2 Output Drive, OUT
This terminal serves as the fault signal output, and may be ordered in either Active High or Open Drain Active
Low options.
8.3.1.3 Supply Input, VDD
This terminal is the unregulated input power source for the IC. A series resistor is connected to limit the current,
and a capacitor is connected to ground for noise filtering.
8.3.1.4 External Delay Capacitor, CD
This terminal is connected to an external capacitor that sets the delay timer during an overvoltage fault event.
The CD pin includes a timeout detection circuit to ensure that the output drives active even with a shorted or
open capacitor during an overvoltage event.
The capacitor connected on the CD pin rapidly charges to a voltage if any one of the cell inputs exceeds the OV
threshold. Then the delay circuit gradually discharges the capacitor on the CD pin. Once this capacitor
discharges below a set voltage, the OUT transitions from an inactive to active state.
To calculate the delay, use the following equation:
tCD (sec) = K × CCD (µF), where K = 10 to 20 range.
(1)
Example: If CCD= 0.1 µF (typical), then the delay timer range is
tCD (s) = 10 × 0.1 = 1 s (Minimum)
tCD (s) = 20 × 0.1 = 2 s (Maximum)
NOTE
The tolerance on the capacitor used for CCD increases the range of the tCD timer.
8.4 Device Functional Modes
8.4.1 NORMAL Mode
When all of the cell voltages are below the overvoltage threshold, VOV, the device operates in NORMAL mode.
The device monitors the differential cell voltages connected across (V1–VSS), (V2–V1), (V3–V2), and (V4–V3).
The OUT pin is inactive, and is low if configured active high, or, if configured active low, is an open drain being
externally pulled up.
8.4.2 OVERVOLTAGE Mode
OVERVOLTAGE mode is detected if any of the cell voltage exceeds the overvoltage threshold, VOV for
configured OV delay time. The OUT pin is activated after a delay time set by the capacitance in the CD pin. The
OUT pin will either pull high internally, if configured as active high, or will be pulled low internally if configured as
active low. An external FET is then turned on, shorting the fuse to ground, which allows the battery and/or
charger power to blow the fuse. When all of the cell voltages fall below the (VOV–VHYS), the device returns to
NORMAL mode.
8.4.3 Customer Test Mode
It is possible to reduce test time for checking the overvoltage function by simply shorting the external CD
capacitor to VSS. In this case, the OV delay would be reduced to the t(CD_GND) value, which has a maximum of
170 ms.


Similar Part No. - BQ294707DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707DSGT TI1-BQ294707DSGT Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294707DSGT TI1-BQ294707DSGT Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ294707DSGT TI-BQ294707DSGT Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
More results

Similar Description - BQ294707DSGT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771604 TI1-BQ771604 Datasheet
795Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ771600 TI-BQ771600 Datasheet
717Kb / 17P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294700 TI-BQ294700 Datasheet
931Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ2947 TI-BQ2947 Datasheet
2Mb / 28P
[Old version datasheet]   BQ2947 Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries with External Delay Capacitor
BQ294707 TI1-BQ294707 Datasheet
869Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ2947 TI1-BQ2947_16 Datasheet
859Kb / 24P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771604 TI1-BQ771604 Datasheet
801Kb / 20P
[Old version datasheet]   Overvoltage Protection for 2-Series to 4-Series Cell Li-Ion Batteries
BQ771808 TI1-BQ771808 Datasheet
810Kb / 19P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
BQ771800 TI-BQ771800 Datasheet
748Kb / 16P
[Old version datasheet]   Overvoltage Protection for 2-Series to 5-Series Cell Li-Ion Batteries with Internal Delay Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com