Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD524BD Datasheet(PDF) 9 Page - Analog Devices

Part # AD524BD
Description  Precision Instrumentation Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD524BD Datasheet(HTML) 9 Page - Analog Devices

Back Button AD524BD Datasheet HTML 5Page - Analog Devices AD524BD Datasheet HTML 6Page - Analog Devices AD524BD Datasheet HTML 7Page - Analog Devices AD524BD Datasheet HTML 8Page - Analog Devices AD524BD Datasheet HTML 9Page - Analog Devices AD524BD Datasheet HTML 10Page - Analog Devices AD524BD Datasheet HTML 11Page - Analog Devices AD524BD Datasheet HTML 12Page - Analog Devices AD524BD Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
AD524
Rev. F | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 3.
Parameter
Rating
Supply Voltage
±18 V
Internal Power Dissipation
450 mW
Input Voltage1
(Either Input Simultaneously) |VIN| + |VS|
<36 V
Output Short-Circuit Duration
Indefinite
Storage Temperature Range
(R)
–65°C to +125°C
(D, E)
–65°C to +150°C
Operating Temperature Range
AD524A/AD524B/AD524C
–25°C to +85°C
AD524S
–55°C to +125°C
Lead Temperature (Soldering, 60 sec)
+300°C
1 Maximum input voltage specification refers to maximum voltage to which
either input terminal may be raised with or without device power applied.
For example, with ±18 volt supplies maximum, VIN is ±18 V; with zero supply
voltage maximum, VIN is ±36 V.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
RG1 16
–INPUT
1
+INPUT
2
RG2
3
4
INPUT
NULL
5
INPUT
NULL
6
REFERENCE
9
OUTPUT
8 +VS
7 –VS
SENSE
10
G = 1000
11
G = 100
12
G = 10
13
OUTPUT
NULL
14
OUTPUT
NULL
15
0.170 (4.33)
0.103
(2.61)
PAD NUMBERS CORRESPOND TO PIN NUMBERS FOR
THE D-16 AND RW-16 16-LEAD CERAMIC PACKAGES.
Figure 2. Metallization Photograph
Contact factory for latest dimensions;
Dimensions shown in inches and (mm)
CONNECTION DIAGRAMS
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
– INPUT
+ INPUT
INPUT NULL
INPUT NULL
REFERENCE
OUTPUT NULL
OUTPUT NULL
G = 10
G = 100
G = 1000
SENSE
OUTPUT
AD524
RG2
RG1
–VS
–VS
+VS
+VS
SHORT TO
RG2 FOR
DESIRED
GAIN
415
514
OUTPUT
OFFSET NULL
INPUT
OFFSET NULL
TOP VIEW
(Not to Scale)
Figure 3. Ceramic (D) and
SOIC (RW-16 and D-16) Packages
SHORT TO
RG2 FOR
DESIRED
GAIN
4
RG2
5
INPUT NULL
6
NC
7
INPUT NULL
8
REFERENCE
18
OUTPUT NULL
17
G = 10
16
NC
15
G = 100
14
G = 1000
19
20
1
2
3
13
12
11
10
9
NC = NO CONNECT
AD524
TOP VIEW
(Not to Scale)
+VS
–VS
INPUT
OFFSET NULL
OUTPUT
OFFSET NULL
719
518
Figure 4. Leadless Chip Carrier (E)
ESD CAUTION


Similar Part No. - AD524BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD524BD AD-AD524BD Datasheet
392Kb / 16P
   Precision Instrumentation Amplifier
REV. E
AD524BD AD-AD524BD Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524BD AD-AD524BD Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD524BD AD-AD524BD Datasheet
583Kb / 25P
   Precision Instrumentation Amplifier
AD524BDZ AD-AD524BDZ Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
More results

Similar Description - AD524BD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD620MIL AD-AD620MIL_15 Datasheet
1Mb / 4P
   PRECISION INSTRUMENTATION AMPLIFIER
REV. A
AD524SE AD-AD524SE Datasheet
614Kb / 28P
   Precision Instrumentation Amplifier
Rev. F
AD624ADZ AD-AD624ADZ Datasheet
574Kb / 17P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_15 Datasheet
512Kb / 24P
   Precision Instrumentation Amplifier
REV. C
AD8221 AD-AD8221_16 Datasheet
668Kb / 25P
   Precision Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com