Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8137 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8137
Description  Low Cost, Low Power, Differential ADC Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8137 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8137_16 Datasheet HTML 4Page - Analog Devices AD8137_16 Datasheet HTML 5Page - Analog Devices AD8137_16 Datasheet HTML 6Page - Analog Devices AD8137_16 Datasheet HTML 7Page - Analog Devices AD8137_16 Datasheet HTML 8Page - Analog Devices AD8137_16 Datasheet HTML 9Page - Analog Devices AD8137_16 Datasheet HTML 10Page - Analog Devices AD8137_16 Datasheet HTML 11Page - Analog Devices AD8137_16 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Data Sheet
AD8137
Rev. E | Page 7 of 32
VS = 3 V, VOCM = 1.5 V (@ 25°C, differential gain = 1, RL, dm = RF = RG = 1 kΩ, unless otherwise noted, TMIN to TMAX = −40°C to +125°C).
Table 3.
Parameter
Conditions
Min
Typ
Max
Unit
DIFFERENTIAL INPUT PERFORMANCE
Dynamic Performance
−3 dB Small Signal Bandwidth
VO, dm = 0.1 V p-p
61
73
MHz
AD8137W only: TMIN-TMAX
58
MHz
−3 dB Large Signal Bandwidth
VO, dm = 2 V p-p
62
93
MHz
AD8137W only: TMIN-TMAX
62
MHz
Slew Rate
VO, dm = 2 V step
340
V/µs
Settling Time to 0.02%
VO, dm = 3.5 V step
110
Ns
Overdrive Recovery Time
G = 2, VI, dm = 5 V p-p triangle wave
100
Ns
Noise/Harmonic Performance
SFDR
VO, dm = 2 V p-p, fC = 500 kHz
89
dB
VO, dm = 2 V p-p, fC = 2 MHz
71
dB
Input Voltage Noise
f = 50 kHz to 1 MHz
8.25
nV/√Hz
Input Current Noise
f = 50 kHz to 1 MHz
1
pA/√Hz
DC Performance
Input Offset Voltage
VIP = VIN = VOCM = 0 V
−2.75
±0.7
+2.75
mV
AD8137W only: TMIN-TMAX
−5.25
+5.25
mV
Input Offset Voltage Drift
TMIN to TMAX
3
µV/°C
Input Bias Current
TMIN to TMAX
0.5
0.9
µA
Input Offset Current
0.1
0.4
µA
AD8137W only: TMIN-TMAX
0.4
µA
Open-Loop Gain
87
dB
Input Characteristics
Input Common-Mode Voltage Range
1
2
V
AD8137W only: TMIN-TMAX
1
2
V
Input Resistance
Differential
800
kΩ
Common-mode
400
kΩ
Input Capacitance
Common-mode
1.8
pF
CMRR
ΔVICM = ±1 V
64
80
dB
AD8137W only: TMIN-TMAX
64
dB
Output Characteristics
Output Voltage Swing
Each single-ended output, RL, dm = 1 kΩ
VS− + 0.37
VS+ − 0.37
V
AD8137W only: TMIN-TMAX
VS− + 0.37
VS+ − 0.37
V
Output Current
20
mA
Output Balance Error
f = 1 MHz
−64
dB
VOCM to VO, cm PERFORMANCE
VOCM Dynamic Performance
−3 dB Bandwidth
VO, cm = 0.1 V p-p
61
MHz
Slew Rate
VO, cm = 0.5 V p-p
59
V/µs
Gain
0.960
1.00
1.040
V/V
AD8137W only: TMIN-TMAX
0.955
1.040
V/V
VOCM Input Characteristics
Input Voltage Range
1.0
2.0
V
AD8137W only: TMIN-TMAX
1.0
2.0
V
Input Resistance
35
kΩ
Input Offset Voltage
−25
±5.5
+25
mV
AD8137W only: TMIN-TMAX
−25
+25
mV
Input Voltage Noise
f = 100 kHz to 5 MHz
18
nV/√Hz
Input Bias Current
0.3
0.7
µA
AD8137W only: TMIN-TMAX
0.7
µA


Similar Part No. - AD8137_16

ManufacturerPart #DatasheetDescription
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
More results

Similar Description - AD8137_16

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
AD8137 AD-AD8137 Datasheet
815Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1 Datasheet
551Kb / 28P
   Low Power Differential ADC Driver
REV. 0
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com