Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8231ACPZ-WP Datasheet(PDF) 4 Page - Analog Devices

Part # AD8231ACPZ-WP
Description  Zero Drift, Digitally Programmable Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8231ACPZ-WP Datasheet(HTML) 4 Page - Analog Devices

  AD8231ACPZ-WP Datasheet HTML 1Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 2Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 3Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 4Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 5Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 6Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 7Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 8Page - Analog Devices AD8231ACPZ-WP Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
Data Sheet
AD8231
SPECIFICATIONS
VS = 5 V, VREF = 2.5 V, G = 1, RL = 10 kΩ, TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
INSTRUMENTATION AMPLIFIER
Offset Voltage
VOS RTI = VOSI + VOSO/G
Input Offset, VOSI
4
15
µV
Average Temperature Drift
TA = −40°C to +125°C
0.01
0.05
µV/°C
Output Offset, VOSO
15
30
µV
Average Temperature Drift
TA = −40°C to +125°C
0.05
0.5
µV/°C
Input Currents
Input Bias Current
250
500
pA
TA = −40°C to +125°C
5
nA
Input Offset Current
20
100
pA
TA = −40°C to +125°C
0.5
nA
Gains
1, 2, 4, 8, 16, 32, 64, or 128
Gain Error
G = 1
0.05
%
G = 2 to 128
0.8
%
Gain Drift
TA = −40°C to +125°C
G = 1 to 32
3
10
ppm/°C
G = 64
4
20
ppm/°C
G = 128
10
30
ppm/°C
Linearity
0.2 V to 4.8 V, 10 kΩ load
3
ppm
0.2 V to 4.8 V, 2 kΩ load
5
ppm
CMRR
G = 1
80
dB
G = 2
86
dB
G = 4
92
dB
G = 8
98
dB
G = 16
104
dB
G = 32
110
dB
G = 64
110
dB
G = 128
110
dB
Noise
en = √(eni2 + (eno/G)2), VIN+, VIN− = 2.5 V
Input Voltage Noise, eni
f = 1 kHz
32
nV/√Hz
f = 1 kHz, TA = −40°C
27
nV/√Hz
f = 1 kHz, TA = 125°C
39
nV/√Hz
f = 0.1 Hz to 10 Hz
0.7
µV p-p
Output Voltage Noise, eno
f = 1 kHz
58
nV/√Hz
f = 1 kHz, TA = −40°C
50
nV/√Hz
f = 1 kHz, TA = 125°C
70
nV/√Hz
f = 0.1 Hz to 10 Hz
1.1
µV p-p
Current Noise
f = 10 Hz
20
fA/√Hz
Other Input Characteristics
Common-Mode Input Impedance
10||5
GΩ||pF
Power Supply Rejection Ratio
100
115
dB
Input Operating Voltage Range
0.05
4.95
V
Reference Input
Input Impedance
28
kΩ
Voltage Range
−0.2
+5.2
V
Rev. C | Page 3 of 24


Similar Part No. - AD8231ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231ACPZ-WP AD-AD8231ACPZ-WP Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231ACPZ-WP AD-AD8231ACPZ-WP Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231ACPZ-WP AD-AD8231ACPZ-WP Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
More results

Similar Description - AD8231ACPZ-WP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8231 AD-AD8231_V01 Datasheet
725Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
Rev. E
AD8231 AD-AD8231_1 Datasheet
686Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. A
AD8231 AD-AD8231 Datasheet
630Kb / 20P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. 0
AD8231 AD-AD8231_15 Datasheet
589Kb / 24P
   Zero Drift, Digitally Programmable Instrumentation Amplifier
REV. B
logo
Linear Technology
LTC6915 LINER-LTC6915_15 Datasheet
295Kb / 18P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
LTC6915 LINER-LTC6915 Datasheet
289Kb / 16P
   Zero Drift, Precision Instrumentation Amplifier with Digitally Programmable Gain
logo
Analog Devices
AD8231 AD-AD8231_07 Datasheet
137Kb / 8P
   Zero Drift, Digital Programmable Instrumentation Amplifier
Rev. PrC
AD8555 AD-AD8555_15 Datasheet
616Kb / 28P
   Zero-Drift, Digitally Programmable
Rev. A
AD8555 AD-AD8555 Datasheet
503Kb / 28P
   Zero-Drift, Digitally Programmable Sensor Signal Amplifier
REV. 0
logo
National Semiconductor ...
LMP8358 NSC-LMP8358 Datasheet
1,015Kb / 32P
   Zero-Drift, Programmable Instrumentation Amplifier with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com