Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8223BRMZ-RL1 Datasheet(PDF) 7 Page - Analog Devices

Part # AD8223BRMZ-RL1
Description  Single-Supply, Low Cost Instrumentation Amplifier
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8223BRMZ-RL1 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD8223BRMZ-RL1 Datasheet HTML 3Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 4Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 5Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 6Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 7Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 8Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 9Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 10Page - Analog Devices AD8223BRMZ-RL1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD8223
Rev. 0 | Page 6 of 20
Parameter
AD8223A
AD8223B
Conditions
Min
Typ
Max
Min
Typ
Max
Unit
GAIN
G = 5 + (80 k
Ω/RG)
Gain Range
5
1000
5
1000
V/V
Gain Error2
VOUT = −10 V to +10 V
G = 5
0.07
0.02
%
G = 10
0.10
0.3
0.10
0.2
%
G = 100
0.10
0.3
0.10
0.3
%
G = 1000
0.10
0.3
0.10
0.3
%
Nonlinearity
VOUT = −10 V to +10 V
G = 5
5
5
ppm
G = 1000
30
30
ppm
Gain vs. Temperature
TA = −40°C to +85°C
G = 5
10
2
ppm/°C
G > 51
50
50
ppm/°C
INPUT
Input Impedance
Differential
2||2
2||2
GΩ||pF
Common-Mode
2||2
2||2
GΩ||pF
Common-Mode Input Voltage
Range3
VIN+ = VIN−
(−VS) −
0.15
(+VS) −
1.5
(−VS) −
0.15
(+VS) −
1.5
V
OUTPUT
Output Swing
RL = 10 kΩ to ground
(−VS) +
0.3
(+VS) −
0.8
(−VS) +
0.3
(+VS) −
0.8
V
RL = 100 kΩ to ground
(−VS) +
0.1
(+VS) −
0.3
(−VS) +
0.1
(+VS) −
0.3
V
REFERENCE INPUT
RIN
60
±20%
60
±20%
IIN
VIN+ = VIN− = VREF = 0 V
+10
+20
+10
+20
μA
Voltage Range
−VS
+VS
−VS
+VS
V
Gain to Output
1 ±
0.0002
1 ±
0.0002
V
POWER SUPPLY
Operating Range
±2
±12
±2
±12
V
Quiescent Current
650
650
μA
Over Temperature
TA = −40°C to +85°C
850
850
μA
TEMPERATURE RANGE
For Specified Performance
−40
+85
−40
+85
°C
1 Because maximum supply voltage is 24 V between the negative and positive supply, these specifications at ±12V are at the part’s limit. Operation at a nominal supply
voltage slightly less than ±12 V is recommended to allow for power supply tolerances.
2 Does not include effects of external resistor, RG.
3 Total input range depends on common-mode voltage, differential voltage, and gain. See Figure 18 through Figure 21 and the Input Voltage Range section in the
Theory of Operation section for more information.


Similar Part No. - AD8223BRMZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8223BRMZ-RL AD-AD8223BRMZ-RL Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
More results

Similar Description - AD8223BRMZ-RL1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD623 AD-AD623_15 Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623AN AD-AD623AN Datasheet
1Mb / 24P
   Single-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. D
AD623 AD-AD623 Datasheet
965Kb / 16P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
REV. C
AD8223 AD-AD8223 Datasheet
420Kb / 20P
   Single Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
Rev. PrA
AD622 AD-AD622_1 Datasheet
395Kb / 16P
   Low Cost Instrumentation Amplifier
REV. D
AD622 AD-AD622_15 Datasheet
491Kb / 17P
   Low Cost Instrumentation Amplifier
Rev. E
AD622 AD-AD622 Datasheet
151Kb / 11P
   Low Cost Instrumentation Amplifier
REV. C
AD622 AD-AD622_16 Datasheet
348Kb / 17P
   Low Cost Instrumentation Amplifier
logo
National Semiconductor ...
LH0037C NSC-LH0037C Datasheet
201Kb / 3P
   Low cost Instrumentation Amplifier
logo
Analog Devices
AD623 AD-AD623_16 Datasheet
1Mb / 27P
   Single and Dual-Supply, Rail-to-Rail, Low Cost Instrumentation Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com