Electronic Components Datasheet Search
  English  â–¼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

LM78L00 Datasheet(HTML) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. LM78L00
Description  LM78L00 Series 3-Terminal Positive Voltage Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo 

LM78L00 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM78L00 Datasheet HTML 5Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
Go To Page :
/ 10 page
background image
LM78L15AC
Electrical Characteristics
0 C s TA s a125 C VI e 23V IO e 40 mA CI e 033 mF CO e 01 mF unless otherwise specified (Note 1)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VO
Output Voltage
TJ e 25 C
144
15
156
V
VR LINE
Line Regulation
TJ e 25 C
175V s VI s 30V
130
300
mV
20V s VI s 30V
110
250
VR LOAD
Load Regulation
TJ e 25 C
10 mA s IO s 100 mA
25
150
mV
10 mA s IO s 40 mA
12
75
VO
Output Voltage
175V s VI s 30V
10 mA s IO s 40 mA
1425
1575
V
(Note 2)
175V s VI s VMax
10 mA s IO s 70 mA
1425
1575
IQ
Quiescent Current
22
55
mA
D
IQ
Quiescent Current
With Line
20V s VI s 30V
15
mA
Change
With Load
10 mA s IO s 40 mA
01
NO
Noise
TA e 25 C 10 Hz s f s 100 kHz
90
m
V
D
VI DVO
Ripple Rejection
f e 120 Hz 185V s VI s 285V TJ e 25 C34
39
dB
VDO
Dropout Voltage
TJ e 25 C
17
V
Ipk IOS
Peak OutputOutput
TJ e 25 C
140
mA
Short Circuit Current
D
VO DT
Average Temperature
IO e 50 mA
b
13
mV C
Coefficient of Output Voltage
Note 1
The maximum steady state usable output current and input voltage are very dependent on the heat sinking andor lead length of the package The data
above represent pulse test conditions with junction temperatures as indicated at the initiation of tests
Note 2
Power Dissipation s 075W
Equivalent Circuit
TLH10051 – 2
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LM7800CSeries 3-Terminal Positive Regulators 1 2 3 4 5 MoreNational Semiconductor (TI)
TA78L05F3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreToshiba Semiconductor
PJ78003-Terminal Fixed Voltage Positive Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
H78LXX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
H78XX3-TERMINAL POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreHi-Sincerity Mocroelectronics
PJ78L003-Terminal Low Current Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM7812A3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreFairchild Semiconductor
AX78LXX3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM79L00LM79L00 Series 3-Terminal Negative Output voltage Regulators 1 2 3 4 5 MoreFirst Components International

Link URL



Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn