Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8253ARMZ-RL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8253ARMZ-RL
Description  10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8253ARMZ-RL Datasheet(HTML) 5 Page - Analog Devices

  AD8253ARMZ-RL Datasheet HTML 1Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 2Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 3Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 4Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 5Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 6Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 7Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 8Page - Analog Devices AD8253ARMZ-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD8253
Data Sheet
Rev. B | Page 4 of 24
Parameter
Conditions
Min
Typ
Max
Unit
Settling Time 0.001%
ΔOUT = 10 V step
G = 1
780
ns
G = 10
880
ns
G =100
1.8
μs
G = 1000
1.8
μs
Slew Rate
G = 1
20
V/μs
G = 10
20
V/μs
G = 100
12
V/μs
G = 1000
2
V/μs
Total Harmonic Distortion + Noise
f = 1 kHz, RL = 10 kΩ, ±10 V,
G = 1, 10 Hz to 22 kHz band-
pass filter
−110
dB
GAIN
Gain Range
G = 1, 10, 100, 1000
1
1000
V/V
Gain Error
OUT = ±10 V
G = 1
0.03
%
G = 10, 100, 1000
0.04
%
Gain Nonlinearity
OUT = −10 V to +10 V
G = 1
RL = 10 kΩ, 2 kΩ, 600 Ω
5
ppm
G = 10
RL = 10 kΩ, 2 kΩ, 600 Ω
3
ppm
G = 100
RL = 10 kΩ, 2 kΩ, 600 Ω
18
ppm
G = 1000
RL = 10 kΩ, 2 kΩ, 600 Ω
110
ppm
Gain vs. Temperature
All gains
3
10
ppm/°C
INPUT
Input Impedance
Differential
4||1.25
pF
Common Mode
1||5
pF
Input Operating Voltage Range
VS = ±5 V to ±15 V
−VS + 1
+VS − 1.5
V
Over Temperature3
T = −40°C to +85°C
−VS + 1.2
+VS − 1.7
V
OUTPUT
Output Swing
−13.7
+13.6
V
Over Temperature4
T = −40°C to +85°C
−13.7
+13.6
V
Short-Circuit Current
37
mA
REFERENCE INPUT
RIN
20
IIN
+IN, −IN, REF = 0
1
μA
Voltage Range
−VS
+VS
V
Gain to Output
1 ± 0.0001
V/V
DIGITAL LOGIC
Digital Ground Voltage, DGND
Referred to GND
−VS + 4.25
0
+VS − 2.7
V
Digital Input Voltage Low
Referred to GND
DGND
2.1
V
Digital Input Voltage High
Referred to GND
2.8
+VS
V
Digital Input Current
1
μA
Gain Switching Time5
325
ns
tSU
See Figure 3 timing diagram
15
ns
tHD
30
ns
t WR -LOW
20
ns
t WR -HIGH
15
ns


Similar Part No. - AD8253ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8253ARMZ-RL AD-AD8253ARMZ-RL Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8253ARMZ-RL1 AD-AD8253ARMZ-RL1 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
More results

Similar Description - AD8253ARMZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8253 AD-AD8253_08 Datasheet
584Kb / 24P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 iCMOS Programmable Gain Instrumentation Amplifier
REV. 0
AD8250 AD-AD8250_16 Datasheet
932Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
AD8250ARMZ-R7 AD-AD8250ARMZ-R7 Datasheet
835Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 5, 10 iCMOS Programmable Gain Instrumentation Amplifier
REV. C
AD8253 AD-AD8253 Datasheet
217Kb / 10P
   10 MHz, 20 V/關s, G = 1, 10, 100, 1000 i CMOS짰 Programmable Gain Instrumentation Amplifier
Rev. prA
AD8251 AD-AD8251_16 Datasheet
725Kb / 25P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 iCMOS Programmable Gain Instrumentation Amplifier
AD8251 AD-AD8251_07 Datasheet
640Kb / 24P
   10 MHz, 20 V/關s, G = 1, 2, 4, 8 i CMOS짰 Programmable Gain Instrumentation Amplifier
REV. 0
AD8251 AD-AD8251 Datasheet
128Kb / 8P
   12MHz 20V/us G=1,2,4,8 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
AD8250 AD-AD8250 Datasheet
125Kb / 8P
   12MHz 20V/us G=1,2,5,10 Programmable Gain iCMOS Instrumentation Amplifier
Rev.PrB
logo
Texas Instruments
INA141U2K5 TI1-INA141U2K5 Datasheet
339Kb / 14P
[Old version datasheet]   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA141 BURR-BROWN-INA141 Datasheet
190Kb / 10P
   Precision, Low Power, G = 10, 100 INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com