Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DL-3150-105 Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # DL-3150-105
Description  Infrared Laser Diode (Frame Type)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DL-3150-105 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  DL-3150-105 Datasheet HTML 1Page - Sanyo Semicon Device DL-3150-105 Datasheet HTML 2Page - Sanyo Semicon Device DL-3150-105 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DL-3150-105
No.7564 1/3
Features
• Wavelength : 790 nm (Typ.)
• Frame type
• Compact lightweight thin package
• Straight leads
Absolute Maximum Ratings at Tc=25
°C (as per JISC 7032)
Parameter
Symbol Condition
Ratings
Unit
Light Output
Po
Kink free
5
mW
Reverse Voltage
Laser
VR
-2
V
PIN
-
30
Operating Temperature
Topr
1)
--10 to +70
°C
Storage Temperature
Tstg
1)
--40 to +85
°C
Soldering Temperature
Tsol
2)
260
°C
1) Case temperature
2) Soldering Time
≤3s, 1.6 mm from the root of a lead.
Electrical and Optical Characteristics 3) 4) at Tc=25
°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Threshold Current
Ith
CW
--35
50
mA
Operating Current
Iop
Po=3mW
--45
60
mA
Operating Voltage
Vop
Po=3mW
1.6
1.8
2.3
V
Peak Lasing Wavelength
5)
λ p
Po=3mW
-
790
800
nm
Light Output Power
Po
-
-
3
-
mW
Beam
6)
Perpendicular
θ ⊥
Po=3mW
25
35
45
°
Divergence
Parallel
θ //
Po=3mW
8
10
14
°
Off Axis
Perpendicular
∆ θ ⊥
Po=3mW
----
±3
°
Angle
Parallel
∆ θ //
Po=3mW
----
±2
°
Differential Efficiency
dPo/dIop
Po=3mW
0.18
0.35
--
mW/mA
Monitoring Output Current
Im
Po=3mW
0.05
0.20
0.40
mA
3) Initial values
4) All the above values are evaluated with Tottori Sanyo’s measuring apparatus
5) Wafer lot go/no-go decision criteria
6) Full angle at half maximum
Note : The above product specification are subject to change without notice.
SANYO Electric Co.,Ltd. Semiconductor Company
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
DL-3150-105
Infrared Laser Diode
Infrared Laser Diode (Frame Type)
LD
PD
13
2
Package Dimensions
Pin Connection
91003 YY IM
Ordering number : ENN7564
Pin No.
3.2
3-- 0.4
±0.1
2-
-C
0.5
8.0
0
--0.1
4.0
±0.12
3.7
±0.15 3.0±0.15
321
(1.6)
2--0.4
6.4
LD facet
Frame type(CD)
1.6
4.2


Similar Part No. - DL-3150-105

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
DL-3150-102 SANYO-DL-3150-102 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
DL-3150-106 SANYO-DL-3150-106 Datasheet
27Kb / 3P
   Infrared Laser Diode (Frame Type)
More results

Similar Description - DL-3150-105

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DL-3150-106 SANYO-DL-3150-106 Datasheet
27Kb / 3P
   Infrared Laser Diode (Frame Type)
logo
Roithner LaserTechnik G...
RLT1060-20G ROITHNER-RLT1060-20G Datasheet
116Kb / 2P
   Infrared Laser Diode
RLT1550-100G ROITHNER-RLT1550-100G Datasheet
83Kb / 1P
   Infrared Laser Diode
S8330MG ROITHNER-S8330MG Datasheet
388Kb / 5P
   Infrared Laser Diode
S8450MG ROITHNER-S8450MG Datasheet
322Kb / 5P
   Infrared Laser Diode
QL85I6SA ROITHNER-QL85I6SA Datasheet
179Kb / 3P
   Infrared Laser Diode
RLTMDL-845 ROITHNER-RLTMDL-845 Datasheet
180Kb / 1P
   infrared diode laser
QL85D6SA ROITHNER-QL85D6SA Datasheet
441Kb / 5P
   Infrared Laser Diode
RLT1060-50G ROITHNER-RLT1060-50G Datasheet
116Kb / 2P
   Infrared Laser Diode
logo
Sanyo Semicon Device
DL-8032-001 SANYO-DL-8032-001 Datasheet
40Kb / 2P
   INFRARED LASER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com