Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8476ARMZ Datasheet(PDF) 5 Page - Analog Devices

Part # AD8476ARMZ
Description  Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8476ARMZ Datasheet(HTML) 5 Page - Analog Devices

  AD8476ARMZ Datasheet HTML 1Page - Analog Devices AD8476ARMZ Datasheet HTML 2Page - Analog Devices AD8476ARMZ Datasheet HTML 3Page - Analog Devices AD8476ARMZ Datasheet HTML 4Page - Analog Devices AD8476ARMZ Datasheet HTML 5Page - Analog Devices AD8476ARMZ Datasheet HTML 6Page - Analog Devices AD8476ARMZ Datasheet HTML 7Page - Analog Devices AD8476ARMZ Datasheet HTML 8Page - Analog Devices AD8476ARMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
AD8476
Data Sheet
Rev. B | Page 4 of 24
Parameter
Test Conditions/Comments
B Grade
A Grade
Unit
Min
Typ
Max
Min
Typ
Max
POWER SUPPLY
Specified Supply Voltage
±5
±5
V
Operating Supply Voltage
Range
3
18
3
18
V
Supply Current
VS = +5 V, TA = 25°C
300
330
300
330
μA
VS = ±5 V, TA = 25°C
330
380
330
380
μA
Over Temperature
−40°C ≤ TA ≤ +125°C
400
500
400
500
μA
TEMPERATURE RANGE
Specified Performance Range
−40
+125
−40
+125
°C
1 Includes amplifier voltage and current noise, as well as noise of internal resistors.
2 Includes input bias and offset current errors.
3 The input voltage range is a function of the voltage supplies and ESD diodes.
4 Internal resistors are trimmed to be ratio matched but have ±20% absolute accuracy.


Similar Part No. - AD8476ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8476ARMZ AD-AD8476ARMZ Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
AD8476ARMZ-R7 AD-AD8476ARMZ-R7 Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
AD8476ARMZ-RL AD-AD8476ARMZ-RL Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
More results

Similar Description - AD8476ARMZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8476 AD-AD8476 Datasheet
510Kb / 24P
   Low Power, Unity Gain, Fully
REV. B
AMP03 AD-AMP03 Datasheet
281Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. E
AMP03 AD-AMP03_03 Datasheet
258Kb / 8P
   Precision, Unity-Gain Differential Amplifier
logo
Burr-Brown (TI)
INA105 BURR-BROWN-INA105 Datasheet
182Kb / 12P
   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
INA105 TI1-INA105 Datasheet
716Kb / 17P
[Old version datasheet]   Precision Unity Gain DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AMP03GSZ AD-AMP03GSZ Datasheet
267Kb / 8P
   Precision, Unity-Gain Differential Amplifier
REV. F
logo
Maxim Integrated Produc...
MAX2055 MAXIM-MAX2055 Datasheet
805Kb / 13P
   Digitally Controlled, Variable-Gain, Differential ADC Driver/Amplifier
Rev 0; 4/03
logo
Analog Devices
ADL5580 AD-ADL5580 Datasheet
783Kb / 22P
   Fully Differential, 10 GHz ADC Driver with 10 dB Gain
logo
Texas Instruments
THS770012 TI-THS770012_15 Datasheet
1Mb / 35P
[Old version datasheet]   Broadband, Fully-Differential, 14-/16-Bit ADC Driver Amplifier
LMP8350 TI1-LMP8350_16 Datasheet
1Mb / 36P
[Old version datasheet]   Ultra-Low Distortion Fully-Differential Precision ADC Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com