Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-13CX5 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1731-13CX5
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-13CX5 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1731-13CX5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-13CX5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AIC1731
5
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
Fig. 1 Quiescent Current vs. VIN
3.3V
1.5V
VIN (V)
Fig. 2 VDROP vs. ILOAD
0
50
100
150
200
250
300
0
100
200
300
400
500
600
700
AIC1731-33
TA=80°C
TA=50°C
TA=20°C
TA=-40°C
ILOAD (mA)
ILOAD (mA)
0
50
100
150
200
250
300
39.0
39.5
40.0
40.5
41.0
41.5
42.0
42.5
43.0
43.5
44.0
VIN=6V
TA=25°C
Fig. 3 Ground Current vs. ILOAD
3.3V
1.5V
Fig. 4 Input Voltage vs. Short Circuit Current
0
1
2
3
4
5
6
7
0
100
200
300
400
500
600
700
800
1.5V
3.3V
Input Voltage (V)
Fig. 5 Ground Current vs. Temperature
-40
-20
0
20
40
60
80
100
39
40
41
42
43
44
45
AIC1731-33
30mA
150mA
300mA
Temperature (
°C)
Fig. 6 Quiescent Current vs Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
36
38
40
42
44
46
VIN=5V
3.3V
1.5V


Similar Part No. - AIC1731-13CX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-15CVBG AIC-AIC1731-15CVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-15CVTR AIC-AIC1731-15CVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-15PVBG AIC-AIC1731-15PVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-15PVTR AIC-AIC1731-15PVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-18CVBG AIC-AIC1731-18CVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-13CX5

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com