Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733-13CX5 Datasheet(PDF) 4 Page - Analog Intergrations Corporation

Part # AIC1733-13CX5
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-13CX5 Datasheet(HTML) 4 Page - Analog Intergrations Corporation

  AIC1733-13CX5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-13CX5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AIC1733
4
ELECTRICAL CHARACTERISTICS
(CIN=1µF, COUT=4.7µF, TJ=25°C, unless otherwise specified) (Note2)
PARAMETER
TEST CONDITIONS
SYMBOL
MIN.
TYP.
MAX.
UNIT
Quiescent Current
IOUT = 0mA, VIN = 3.6~7V
IQ
40
55
µA
Standby Current
VIN = 3.6~7V, output OFF
ISTBY
0.1
µA
GND Pin Current
IOUT = 0.1~500mA
IGND
30
50
µA
Continuous Output Current
VIN = 5V
IOUT
500
mA
Output Current Limit
VIN = 5V, VOUT = 0V
IIL
500
600
mA
Output Voltage Tolerance
VIN = 5V, no load
VOUT
-2
2
%
Temperature Coefficient
TC
50
150
ppm/ºC
Line Regulation
VIN = VOUT(TYP) + 1V to 7V
∆V
LIR
3
10
mV
Load Regulation
VIN = VOUT + 1.2V (Vout≥ 2.5V)
VIN = VOUT + 1.8V (Vout≤ 2.4V)
IOUT = 0.1~500mA
∆V
LOR
20
40
mV
Dropout Voltage
IL=500mA
3.0V
≤VOUT≤3.3V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.3V
≤VOUT≤1.9V
VDROP
650
780
1100
1400
1050
1180
1500
1800
mV
Noise Bypass Terminal Voltage
VREF
1.23
V
Output Noise
CBP = 0.1µF, f = 1KHz,VIN = 5V
∆n
0.46
Hz
V
µ
Ripple Rejection
f = 1KHz, Ripple = 0.5VP-P,
CBP = 0.1µF
RR
55
dB
Shutdown Pin Current
I SHDN
0.1
µA
Shutdown Pin Voltage (ON)
Output ON
V SHDN
(ON)
1.6
V
Shutdown Pin Voltage (OFF)
Output OFF
V SHDN
(OFF)
0.6
V
Shutdown Exit Delay Time
CBP = 0.1µF, COUT = 1µF,
IOUT=30mA
∆t
300
µS
Thermal Shutdown Temperature
TSD
155
ºC
Note 1: To avoid output oscillation, aluminum electrolytic output capacitor is recommended and ceramic
capacitor is not suggested.
Note 2: Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C operating
temperature range are assured by design, characterization and correlation with Statistical Quality
Controls (SQC).


Similar Part No. - AIC1733-13CX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-15CVBG AIC-AIC1733-15CVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-15CVTR AIC-AIC1733-15CVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-15PVBG AIC-AIC1733-15PVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-15PVTR AIC-AIC1733-15PVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-18CVBG AIC-AIC1733-18CVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-13CX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com