Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1730-21 Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # AIC1730-21
Description  150mA, Low Noise, Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1730-21 Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  AIC1730-21 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1730-21 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AIC1730
2
ORDERING INFORMATION
PACKING TYPE
TR: TAPE & REEL
BG: BAG
PACKAGE TYPE
V: SOT-23-5
C: C OMMERCIAL
P: LEAD FREE COMMERCIAL
G:GREEN PACKAGE
OUTPU T VOLTAGE
18: 1.8V
:
285: 2.85V
:
33: 3.3V
The output voltage is available by 0.1V per step.
AIC1730-XXXXXX
PIN CONFIGURATION
SOT-23-5
TOP VIEW
1: VIN
2: GND
3: SH DN
4: BP
5: VOUT
3
2
1
4
5
Example: AIC1730-18CVTR
1.8V version in SOT-23-5 Package & Taping & Reel Packing Type
AIC1730-18PVTR
1.8V version in SOT-23-5 Lead Free Package & Taping & Reel Packing Type
AIC1730-18GVTR
1.8V version in SOT-23-5 Green Package & Taping & Reel Packing Type
SOT-23-5 Marking
Part No.
CV
PV
GV
Part No.
CV
PV
GV
AIC1730-18
EC18
EC18P
EC18G
AIC1730-27
EC27
EC27P
EC27G
AIC1730-19
EC19
EC19P
EC19G
AIC1730-28
EC28
EC28P
EC28G
AIC1730-20
EC20
EC20P
EC20G
AIC1730-285
EC2J
EC2JP
EC2JG
AIC1730-21
EC21
EC21P
EC21G
AIC1730-29
EC29
EC29P
EC29G
AIC1730-22
EC22
EC22P
EC22G
AIC1730-30
EC30
EC30P
EC30G
AIC1730-23
EC23
EC23P
EC23G
AIC1730-31
EC31
EC31P
EC31G
AIC1730-24
EC24
EC24P
EC24G
AIC1730-32
EC32
EC32P
EC32G
AIC1730-25
EC25
EC25P
EC25G
AIC1730-33
EC33
EC33P
EC33G
AIC1730-26
EC26
EC26P
EC26G


Similar Part No. - AIC1730-21

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1730-21CQ AIC-AIC1730-21CQ Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
AIC1730-21CV AIC-AIC1730-21CV Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
More results

Similar Description - AIC1730-21

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP7965 EUTECH-EUP7965 Datasheet
375Kb / 15P
   150mA Low-Noise Low-Dropout Linear Regulator
logo
Sangdest Microelectroni...
SULR1730 SMC-SULR1730 Datasheet
335Kb / 12P
   150mA, Low Noise, Low Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1730 AIC-AIC1730 Datasheet
222Kb / 12P
   Low Noise Low Dropout, 150mA Linear Regulator
logo
Silicon Standard Corp.
SS6730 SSC-SS6730 Datasheet
187Kb / 12P
   150mA Low-Noise, Low-Dropout Linear Regulator
logo
Semtech Corporation
SC5205 SEMTECH-SC5205 Datasheet
137Kb / 5P
   150mA Ultra Low Dropout, Low Noise Micropower Linear Regulator
logo
Monolithic Power System...
MP8801 MPS-MP8801_06 Datasheet
294Kb / 7P
   Low Dropout 150mA Linear Regulator
logo
Seaward Electronics Inc...
SE8802 SEAWARD-SE8802 Datasheet
335Kb / 6P
   150mA Low Dropout Linear Regulator
logo
Monolithic Power System...
EV8801DJ-00A MPS-EV8801DJ-00A Datasheet
185Kb / 4P
   Low Dropout 150mA Linear Regulator
MP8903 MPS-MP8903 Datasheet
272Kb / 10P
   Low Dropout 150mA Linear Regulator
logo
Union Semiconductor, In...
UM1330 UNIONSEMI-UM1330 Datasheet
634Kb / 14P
   150mA, Low Noise, Low Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com