Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-28CX5 Datasheet(PDF) 10 Page - Analog Intergrations Corporation

Part # AIC1731-28CX5
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-28CX5 Datasheet(HTML) 10 Page - Analog Intergrations Corporation

Back Button AIC1731-28CX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1731-28CX5 Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AIC1731
10
The maximum power dissipation is:
JA
A
max
-
J
MAX
R
θ
)
T
-
(T
P
=
Where TJ-max is the maximum allowable junction
temperature (125
°C), and T
A
is the ambient
temperature suitable in application.
As a general rule, the lower temperature is, the
better reliability of the device is. So the PCB
mounting pad should provide maximum thermal
conductivity to maintain low device temperature.
GND pin performs a dual function for providing
an
electrical
connection
to
ground
and
channeling heat away. Therefore, connecting
the GND pin to ground with a large pad or
ground
plane
would
increase
the
power
dissipation and reduce the device temperature.


Similar Part No. - AIC1731-28CX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-28CVBG AIC-AIC1731-28CVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-28CVTR AIC-AIC1731-28CVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-28CX5

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com