Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1735-20XU Datasheet(PDF) 8 Page - Analog Intergrations Corporation

Part # AIC1735-20XU
Description  500mA Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-20XU Datasheet(HTML) 8 Page - Analog Intergrations Corporation

Back Button AIC1735-20XU Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 7Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 8Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 9Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 10Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 11Page - Analog Intergrations Corporation AIC1735-20XU Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
AIC1735
8
BLOCK DIAGRAM
1.235V
Reference
GND
VOUT
VIN
Error
AMP
+
-
Thermal
Shutdown
-
+
Current
Limiting
PIN DESCRIPTIONS
VOUT PIN - Output pin.
GND PIN - Power GND.
VIN PIN
- Power Supply Input.
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear
regulators
require
input
and
output
capacitors to maintain stability. A 1uF aluminum
electrolytic
input
capacitor
with
a
4.7uF
aluminum
electrolytic
output
capacitor
is
recommended.
To
avoid
oscillation,
it
is
recommended to follow the figures of “Region of
Stable COUT ESR vs. Load Current” to choose
proper capacitor specifications.
POWER DISSIPATION
The AIC1735 obtains thermal-limiting circuitry,
which is designed to protect the device against
overload
condition.
For
continuous
load
condition,
maximum
rating
of
junction
temperature
must
not
be
exceeded.
It
is
important to pay more attention in thermal
resistance. It includes junction to case, junction
to ambient. The maximum power dissipation of
AIC1735 depends on the thermal resistance of
its case and circuit board, the temperature
difference between the die junction and ambient
air, and the rate of airflow. The rate of
temperature rise is greatly affected by the
mounting pad configuration on the PCB, the
board material, and the ambient temperature.
When the IC mounting with good thermal
conductivity is used, the junction temperature
will be low even when large power dissipation
applies.
The power dissipation across the device is
P = IOUT (VIN-VOUT).
The maximum power dissipation is:
JA
A
max
-
J
MAX
R
θ
)
T
-
(T
P
=
Where TJ-max is the maximum allowable junction
temperature (125
°C), and TA is the ambient


Similar Part No. - AIC1735-20XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-20ETB AIC-AIC1735-20ETB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-20ETR AIC-AIC1735-20ETR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-20YTB AIC-AIC1735-20YTB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-20YTR AIC-AIC1735-20YTR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-20XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com