Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1735-25XU Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1735-25XU
Description  500mA Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-25XU Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1735-25XU Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 7Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 8Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 9Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 10Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 11Page - Analog Intergrations Corporation AIC1735-25XU Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AIC1735
9
temperature suitable in application.
As a general rule, the lower temperature is, the
better reliability of the device is. So the PCB
mounting pad should provide maximum thermal
conductivity to maintain low device temperature.
GND pin performs a dual function for providing
an
electrical
connection
to
ground
and
channeling heat away. Therefore, connecting
the GND pin to ground with a large pad or
ground
plane
would
increase
the
power
dissipation and reduce the device temperature.
PHYSICAL DIMENSIONS (unit: mm)
SOT-23
0.90
0.30
1.50
2.60
2.80
0.08
0.30
0.05
e
θ
L1
L
e1
c
E
E1
D
b
A2
A1
0.95 BSC
0.60
1.90 BSC
0.60 REF
1.30
1.70
3.00
3.00
0.22
0.50
0.15
0.95
MIN.
S
Y
M
B
O
L
A
1.45
MAX.
SOT-23
MILLIMETERS
b
WITH PLATING
VIEW B
L1
L
SEATING PLANE
GAUGE PLANE
SECTION A-A
BASE METAL
e1
e
D
AA
SEE VIEW B
Note:
1.Refer to JEDEC MO-178.
2.Dimension D and E1 do not include mold flash, protrusions or
gate burrs. Mold flash, protrusion or gate burrs shall not exceed
10 mil per side.
3.Controlling dimension is millimeter, converted inch dimensions
are not necessarily exact.


Similar Part No. - AIC1735-25XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-25ETB AIC-AIC1735-25ETB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-25ETR AIC-AIC1735-25ETR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-25YTB AIC-AIC1735-25YTB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-25YTR AIC-AIC1735-25YTR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-25XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com