Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1735-30XU Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1735-30XU
Description  500mA Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-30XU Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1735-30XU Datasheet HTML 3Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 7Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 8Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 9Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 10Page - Analog Intergrations Corporation AIC1735-30XU Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AIC1735
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Fig. 7
Ground Current vs. Temperature
-40
-20
0
20
40
60
80
40
41
42
43
44
45
46
Temperature (
°C)
AIC1735-52
ILOAD = 500mA
Fig. 8
Ground Current vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
43.0
43.5
44.0
44.5
45.0
45.5
46.0
AIC1735-33
ILOAD = 500mA
Fig. 9
Current Limit vs. Temperature
-40
-20
0
20
40
60
80
580
590
600
610
620
630
640
650
660
670
680
690
700
AIC1735
VIN= 7V
Temperature (
°C)
VIN= 6V
VIN= 5V
100
200
300
400
500
0.01
0.1
1
10
100
Stable Region
AIC1735 -18
VIN=5V ; C
OUT
=1uF
I
OUT
(mA)
100
200
300
400
500
0.01
0.1
1
10
100
AIC1735 -18
VIN=5V ; C
OUT
= 4.7uF
Stable Region
I
OUT
(mA)
100
200
300
400
500
0.01
0.1
1
10
100
Stable Region
AIC1735 -18
VIN=5V ; C
OUT
=10uF
I
OUT
(mA)
Fig. 11 Region of Stable COUT ESR vs. Load Current
Fig. 12 Region of Stable COUT ESR vs. Load Current
Fig. 10 Region of Stable COUT ESR vs. Load Current


Similar Part No. - AIC1735-30XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-30ETB AIC-AIC1735-30ETB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-30ETR AIC-AIC1735-30ETR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-30YTB AIC-AIC1735-30YTB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-30YTR AIC-AIC1735-30YTR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-30XU

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com