Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1733-30PX5 Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1733-30PX5
Description  500mA, Low Dropout Linear Regulator with Shutdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1733-30PX5 Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1733-30PX5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1733-30PX5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AIC1733
5
TYPICAL PERFORMANCE CHARACTERISTICS
0
1
2
3
4
5
6
7
0
10
20
30
40
50
60
Fig. 1 Quiescent Current vs. VIN
3.3V
1.5V
VIN (V)
Fig. 2 VDROP vs. ILOAD
ILOAD (mA)
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
500
600
700
AIC1733-33
TA=50°C
TA=80°C
TA=-40°C
TA=20°C
Fig. 3 Ground Current vs. ILOAD
ILOAD (V)
0
50
100
150
200
250
300
350
400
450
500
39.0
39.5
40.0
40.5
41.0
41.5
42.0
42.5
43.0
43.5
44.0
VIN=5V
T=25
°C
3.3V
1.5V
Fig. 4 Input Voltage vs. Short Circuit Current
Input Voltage(V)
0
1
2
3
4
5
6
7
0
100
200
300
400
500
600
700
800
1.5V
3.3V
Fig. 5 Ground Current vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
39
40
41
42
43
44
45
AIC1733-33
150mA
300mA
500mA
Fig. 6 Quiescent vs. Temperature
Temperature (
°C)
-40
-20
0
20
40
60
80
100
36
38
40
42
44
46
VIN=5V
3.3V
1.5V


Similar Part No. - AIC1733-30PX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733-30PVBG AIC-AIC1733-30PVBG Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1733-30PVTR AIC-AIC1733-30PVTR Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1733-30PX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1733 AIC-AIC1733 Datasheet
448Kb / 11P
   500mA, Low Dropout Linear Regulator with Shutdown
AIC1735 AIC-AIC1735_15 Datasheet
291Kb / 12P
   500mA Low Dropout Linear Regulator
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com