Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1514H060B-T1-FE Datasheet(PDF) 4 Page - RICOH electronics devices division

Part # R1514H060B-T1-FE
Description  Input Voltage Max. 36V
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1514H060B-T1-FE Datasheet(HTML) 4 Page - RICOH electronics devices division

  R1514H060B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1514H060B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
R1514x
4
ABSOLUTE MAXIMUM RATINGS
Symbol
Item
Rating
Unit
VIN
Input Voltage
−0.3 to 50
V
VIN
Peak Input Voltage
∗1
60
V
VCE
Input Voltage (CE Pin)
−0.3 to VIN+0.3 ≤ 50
V
VOUT
Output Voltage
−0.3 to VIN+0.3 ≤ 50
V
IOUT
Output Current
250
mA
Power Dissipation (SOT-89-5)
∗2
900
PD
Power Dissipation (HSOP-6J)
∗2
1700
mW
Topt
Operating Temperature Range
−40 to 105
°C
Tstg
Storage Temperature Range
−55 to 125
°C
∗1) Duration time=200ms
∗2) For Power Dissipation, please refer to PACKAGE INFORMATION.
ABSOLUTE MAXIMUM RATINGS
Electronic and mechanical stress momentarily exceeded absolute maximum ratings may cause the
permanent damages and may degrade the life time and safety for both device and system using the device
in the field.
The functional operation at or over these absolute maximum ratings is not assured.
RECOMMENDED OPERATING CONDITIONS
(ELECTRICAL CHARACTERISTICS)
All of electronic equipment should be designed that the mounted semiconductor devices operate within the
recommended operating conditions. The semiconductor devices cannot operate normally over the
recommended operating conditions, even if when they are used over such conditions by momentary
electronic noise or surge. And the semiconductor devices may receive serious damage when they continue
to operate over the recommended operating conditions.


Similar Part No. - R1514H060B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1514H060B RICOH-R1514H060B Datasheet
826Kb / 20P
   150mA VOLTAGE REGULATOR (Wide Input Voltage Range)
logo
Nisshinbo Micro Devices...
R1514H060B NISSHINBO-R1514H060B Datasheet
525Kb / 22P
   150 mA Voltage Regulator (Wide Input Voltage Range) for High Temperature Applications
More results

Similar Description - R1514H060B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Nisshinbo Micro Devices...
R3119X NISSHINBO-R3119X Datasheet
1Mb / 24P
   36V INPUT VOLTAGE DETECTOR
logo
SHANGHAI BELLING CO., L...
BL8023C BELLING-BL8023C Datasheet
471Kb / 6P
   5 to 36V input voltage range
logo
RICOH electronics devic...
R1516 RICOH-R1516 Datasheet
341Kb / 14P
   Input Voltage Range 4V to 36V
R1511 RICOH-R1511 Datasheet
874Kb / 20P
   Input Voltage Range 3.5V to 36V
logo
Texas Instruments
PT4484-48V TI1-PT4484-48V Datasheet
182Kb / 8P
[Old version datasheet]   36V to 75V Input Voltage Range
logo
Maxim Integrated Produc...
MAX17498BEVKIT MAXIM-MAX17498BEVKIT Datasheet
1Mb / 7P
   18V to 36V DC Voltage Input Range
Rev 0; 4/12
logo
Rohm
BD6230 ROHM-BD6230_09 Datasheet
389Kb / 17P
   H-bridge drivers (36V max.)
logo
TiMOTION Technology Co....
TP9 TIMOTION-TP9 Datasheet
347Kb / 3P
   Max. output 36V DC, 2A
20210902-J
logo
Linear Technology
LTC2960 LINER-LTC2960 Datasheet
248Kb / 16P
   36V Nano-Current Two Input Voltage Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com