Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1513S15D-E2-FE Datasheet(PDF) 8 Page - RICOH electronics devices division

Part # R1513S15D-E2-FE
Description  Input Voltage (Maximum Ratings) 3.5 V to 36 V (50 V)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1513S15D-E2-FE Datasheet(HTML) 8 Page - RICOH electronics devices division

Back Button R1513S15D-E2-FE Datasheet HTML 4Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 5Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 6Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 7Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 8Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 9Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 10Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 11Page - RICOH electronics devices division R1513S15D-E2-FE Datasheet HTML 12Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
R1513S
NO.JA-321-160715
8
Thermal Shutdown Function
Thermal shutdown function detects overheating of the regulator and stops the regulator operation to protect the
device from damage. Thermal shutdown circuit stops the regulator operation if the junction temperature becomes
higher than 160°C (Typ.) and restarts the regulator operation if the junction temperature drops below 135°C (Typ.).
The regulator repeats turning on and off and creates pulse waveform until the cause of the overheating is removed.
Adjustable Output Voltage Setting
Output voltage can be adjusted by using the external divider resistors (R1, R2). By using the following equation,
the output voltage (VOUT) can be determined. The voltage which is fixed inside the IC is described as VFB.
VOUT = VFB x ((R1 + R2) / R2)
Recommended Output Voltage Range: 1.2 V
≤ VOUT ≤ 18 V
VFB = VSET
GND
VOUT
VFB
RIC
R2
IIC
I1
I2
R1
setVFB
VOUT
Output Voltage Adjustment Using External Divider Resistors (R1, R2)
The minimum resistance value for a resistor (RIC) is 1 M
Ω (Ta = 25°C, guaranteed by design). For better accuracy,
setting R1 << RIC reduces errors. The resistance value for a resistor (R2) should be set to 33 k
Ω or lower. If the
resistance values set for R1 and R2 are larger, the impedance of the VFB pin becomes larger.
RIC could be affected by temperature; therefore, evaluate the circuit taking the actual conditions of use into account
when deciding the resistance values for R1 and R2.


Similar Part No. - R1513S15D-E2-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1513S151B NISSHINBO-R1513S151B Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S151B NISSHINBO-R1513S151B Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S151D NISSHINBO-R1513S151D Datasheet
925Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator
R1513S151D NISSHINBO-R1513S151D Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
R1513S151X NISSHINBO-R1513S151X Datasheet
971Kb / 23P
   36 V, 0.8% Accuracy, 300 mA, Voltage Regulator for Industrial Applications
More results

Similar Description - R1513S15D-E2-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
RP155Z RICOH-RP155Z Datasheet
2Mb / 24P
   Input Voltage Range (Maximum Ratings) 1.9 V to 5.25 V (6.0 V)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
logo
Texas Instruments
LMZM33606 TI1-LMZM33606 Datasheet
979Kb / 32P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 6-A Power Module
LMZM33604 TI1-LMZM33604 Datasheet
1Mb / 38P
[Old version datasheet]   3.5-V to 36-V Input, 1-V to 20-V Output, 4-A Power Module
LM43600-Q1 TI1-LM43600-Q1_17 Datasheet
2Mb / 54P
[Old version datasheet]   3.5-V to 36-V, 0.5-A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1 Datasheet
2Mb / 53P
[Old version datasheet]   3.5-V to 36-V, 1-A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LM63615-Q1 TI1-LM63615-Q1 Datasheet
208Kb / 6P
[Old version datasheet]   3.5-V to 36-V, 2.5-A Step-down voltage converter with spread spectrum
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com