Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1734-52XXA Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1734-52XXA
Description  300mA Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1734-52XXA Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1734-52XXA Datasheet HTML 3Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 4Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 5Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 6Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 7Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 8Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 9Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 10Page - Analog Intergrations Corporation AIC1734-52XXA Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AIC1734
7
TYPICAL PERFORMANCE CHARACTERISTIC (Continued)
Fig. 13
Current Limit vs. Temperature
-40
-20
0
20
40
60
80
400
410
420
430
440
450
460
470
480
490
500
VIN = 7V
VIN = 8V
VIN = 6V
VIN = 5V
Temperature (
C)
AIC1734
100
200
300
0.01
0.1
1
10
100
Stable Region
AIC1734 -18
VIN=5V ; C
OUT
=1uF
I
OUT
(mA)
100
200
300
0.01
0.1
1
10
100
AIC1734 -18
VIN=5V ; C
OUT
= 4.7uF
Stable Region
I
OUT
(mA)
100
200
300
0.01
0.1
1
10
100
Stable Region
AIC1734 -18
VIN=5V ; C
OUT
=10uF
I
OUT
(mA)
Fig. 14 Region of Stable COUT ESR vs. Load Current
Fig. 15 Region of Stable COUT ESR vs. Load Current
Fig. 16 Region of Stable COUT ESR vs. Load Current


Similar Part No. - AIC1734-52XXA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734-52XXA AIC-AIC1734-52XXA Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
More results

Similar Description - AIC1734-52XXA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
logo
Silicon Standard Corp.
SS6732 SSC-SS6732 Datasheet
385Kb / 7P
   300mA Low Dropout Linear Regulator
SS6734G SSC-SS6734G Datasheet
455Kb / 9P
   300mA Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8865 A-POWER-APE8865_14 Datasheet
376Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8865 A-POWER-APE8865_16 Datasheet
338Kb / 6P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8867 A-POWER-APE8867_16 Datasheet
383Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
APE8800 A-POWER-APE8800_16 Datasheet
135Kb / 8P
   300mA LOW DROPOUT LINEAR REGULATOR
logo
TECH PUBLIC Electronics...
TP73318PDQNR TECHPUBLIC-TP73318PDQNR Datasheet
2Mb / 10P
   300mA Low- Dropout Linear Regulator|
logo
Eutech Microelectronics...
EUP7968 EUTECH-EUP7968 Datasheet
212Kb / 9P
   300mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com