Electronic Components Datasheet Search |
|
R1513S34D-E2-FE Datasheet(PDF) 10 Page - RICOH electronics devices division |
|
R1513S34D-E2-FE Datasheet(HTML) 10 Page - RICOH electronics devices division |
10 / 23 page R1513S NO.JA-321-160715 10 PACKAGE INFORMATION POWER DISSIPATION (HSOP-6J) The power dissipation of the package is dependent on PCB material, layout, and environmental conditions. The following conditions are used in this measurement. Measurement Conditions Ultra-high Wattage Land Pattern Standard Land Pattern Environment Mounting on Board (Wind Velocity = 0 m/s) Mounting on Board (Wind Velocity = 0 m/s) Board Material Glass Cloth Epoxy Plastic (Four-layer Board) Glass Cloth Epoxy Plastic (Double-sided Board) Board Dimensions 76.2 mm × 114.3 mm × 0.8 mm 50 mm × 50 mm × 1.6 mm Copper Ratio 96% 50% Through-holes φ 0.3 mm × 28 pcs φ 0.5 mm × 24 pcs Measurement Result (Ta = 25°C, Tjmax = 150°C) Ultra-high Wattage Land Pattern Standard Land Pattern Free Air Power Dissipation 3400 mW 2100 mW 675 mW Thermal Resistance 37°C/W 59°C/W 185°C/W Ultra-high Wattage Standard IC Mount Area (mm) Power Dissipation vs. Ambient Temperature Measurement Board Pattern 0 250 500 750 1000 1250 1500 1750 2000 2250 2500 2750 3000 3250 3500 0 25 50 75 100 125 150 Ambient Temperature ( °C) 3400 2100 On Board Ultra-high Wattage Land Pattern On Board Standard Land Pattern 675 Free Air 50 76.2 50 20 |
Similar Part No. - R1513S34D-E2-FE |
|
Similar Description - R1513S34D-E2-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |