Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1746-xxGX5 Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1746-xxGX5
Description  150mA Linear Regulator With Bypass Pin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1746-xxGX5 Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1746-xxGX5 Datasheet HTML 1Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 2Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 3Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1746-xxGX5 Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
AIC1746
150mA Linear Regulator With Bypass Pin
Analog Integrations Corporation
Si-Soft Research Center
DS-1746G-03 20090928
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
FEATURES
Guarantee 150mA Output Current.
Fast Response in Line/Load Transient.
Wide Operating Voltage Ranges: 2.0V to 6.0V.
0.01μA Shutdown Standby Current.
Low Quiescent Current:80µA.
Output Voltage available within 1.1~4.2V.
Low Dropout:140mV at 150mA.
PSRR:60dB at 1kHz.
Fixed: 1.1, 1.2, 1.3, 1.5, 1.8, 2.5, 2.7, 2.8, 2.85,
3.0, 3.3, 3.5, 3.7, 3.8 Output Voltage.
Current Limit and Thermal Protection.
Available in ±2% Output Tolerance.
Available in 3 & 5 lead of SOT-23, TSOT23,
SC70, & SOT-89 & DFN 6L 2x2 Package.
APPLICATIONS
Cellular Phones.
PCMCIA Cards
Laptop, Palmtops, Notebook Computers
Personal Communication Equipment.
PDAs.
Digital Still Cameras.
Portable Consumer Equipments.
DESCRIPTION
AIC1746 is optimized for low ESR ceramic
capacitor
operation
with
150mA
continuous
current. The AIC1746 is designed for portable RF
and
wireless
applications
with
demanding
performance and space requirements.
The AIC1746 offers high precision output voltage
of
±2% tolerance. Output Voltage is available
within 1.1~4.2V. There are version of 1.1, 1.2, 1.3,
1.5, 1.8, 2.5, 2.7, 2.8, 2.85, 3.0, 3.3, 3.5, 3.7 and
3.8 for a fixed output voltage.
A noise bypass pin is available for further
reduction of output noise. At 150mA load current,
a 140mV dropout can be performed. The quality
of low quiescent current and low dropout voltage
makes
the
device
ideal
for
battery
power
applications. The high ripple rejection and low
noise
of
the
AIC1746
provide
enhanced
performances for critical applications such as
cellular phones, and PDAs.
In addition, AIC1746’s current limit and thermal
protection provide protection against any overload
condition that would cause excessive junction
temperatures.
TYPICAL APPLICATION CIRCUIT
CIN
1
μF
VIN
BP
VOUT
GND
VIN
AIC1746
COUT
1
μF
CBP
0.1nF
VOUT
EN
Ultra LDO Regulator


Similar Part No. - AIC1746-xxGX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
More results

Similar Description - AIC1746-xxGX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1747 AIC-AIC1747 Datasheet
617Kb / 22P
   300mA Linear Regulator With Bypass Pin
AIC1748 AIC-AIC1748 Datasheet
379Kb / 20P
   High PSRR, 600mA Linear Regulator With Bypass Pin
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com