Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1746-285GDA Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1746-285GDA
Description  150mA Linear Regulator With Bypass Pin
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1746-285GDA Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1746-285GDA Datasheet HTML 1Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 2Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 3Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 4Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 5Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 6Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 7Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 8Page - Analog Intergrations Corporation AIC1746-285GDA Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
AIC1746
5
ABSOLUTE MAXIMUM RATINGS
Input Voltage ........................................................................................................................................ 7V
EN Pin Voltage ..................................................................................................................................... 7V
Noise Bypass Terminal Voltage ........................................................................................................... 7V
Power Dissipation, PD @ TA = 25ºC
SOT23-5 ................................................................................................................................... 400mW
TSOT23-5 ................................................................................................................................. 400mW
SC70-5...................................................................................................................................... 300mW
DFN 6L 2x2 .............................................................................................................................. 606mW
Maximum Junction Temperature.................................................................................................... 150ºC
Operating Temperature Range ............................................................................................. -40ºC~85ºC
Storage Temperature Range .............................................................................................. -65ºC~150ºC
Lead Temperature (Soldering, 10 sec) .......................................................................................... 260ºC
Thermal Resistance - Junction to Case, RθJC
SOT-23-5 ............................................................................................................................115°C /W
TSOT23-5 ............................................................................................................................115°C /W
DFN 6L 2x2 ...........................................................................................................................30°C /W
Thermal Resistance - Junction to Ambient, RθJA
SOT-23-5 .............................................................................................................................250°C /W
TSOT23-5 ............................................................................................................................250°C /W
SC-70-5 ...............................................................................................................................333°C /W
DFN 6L 2x2 .........................................................................................................................165°C /W
(Assume no ambient airflow, no heatsink)
Absolute Maximum Ratings are those values beyond which the life of a device may be impaired.
TEST CIRCUIT
Refer to the TYPICAL APPLICATION CIRCUIT.


Similar Part No. - AIC1746-285GDA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
More results

Similar Description - AIC1746-285GDA

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1746 AIC-AIC1746 Datasheet
381Kb / 22P
   150mA Linear Regulator With Bypass Pin
AIC1747 AIC-AIC1747 Datasheet
617Kb / 22P
   300mA Linear Regulator With Bypass Pin
AIC1748 AIC-AIC1748 Datasheet
379Kb / 20P
   High PSRR, 600mA Linear Regulator With Bypass Pin
AIC1742 AIC-AIC1742_15 Datasheet
328Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
AIC1742 AIC-AIC1742 Datasheet
639Kb / 12P
   Low Noise, Low Quiescent Current, 150mA Linear Regulator with Noise Bypass
logo
Sangdest Microelectroni...
SULR1221 SMC-SULR1221 Datasheet
547Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
logo
Analog Intergrations Co...
AIC1190 AIC-AIC1190 Datasheet
759Kb / 19P
   Ultra LDO 1A Linear Regulator With Adjustable & Bypass Pin
AIC1189 AIC-AIC1189 Datasheet
563Kb / 20P
   Ultra LDO 2A Linear Regulator With Adjustable & Bypass Pin
AIC1221 AIC-AIC1221 Datasheet
535Kb / 17P
   Ultra LDO 2A Linear Regulator With Adjustable AND Bypass Pin
logo
Semtech Corporation
SC1453 SEMTECH-SC1453_08 Datasheet
253Kb / 15P
   150mA Ultra Low Dropout Regulator with Low Noise Bypass
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com