Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-25PX5 Datasheet(PDF) 9 Page - Analog Intergrations Corporation

Part # AIC1731-25PX5
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-25PX5 Datasheet(HTML) 9 Page - Analog Intergrations Corporation

Back Button AIC1731-25PX5 Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 9Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 10Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 11Page - Analog Intergrations Corporation AIC1731-25PX5 Datasheet HTML 12Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AIC1731
9
DETAILED DESCRIPTIONS OF TECHNICAL TERMS
DROPOUT VOLTAGE (VDROP)
The dropout voltage is defined as the difference
between the input voltage and output voltage at
which the output voltage drops 100mV. Below
this value, the output voltage will fall as the input
voltage reduces. It depends on the load current
and junction temperature.
LINE REGULATION
Line regulation is the ability of the regulator to
maintain a constant output voltage as the input
voltage changes. The line regulation is specified
as the input voltage changes from VIN = VOUT +
1V to VIN = 7V and IOUT = 1mA.
LOAD REGULATION
Load regulation is the ability of the regulator to
maintain a constant output voltage as the load
current changes. A pulsed measurement with an
input voltage set to VIN = VOUT + VDROP can
minimize temperature effects. The load regulation
is specified by the output current ranging from
0.1mA to 300mA.
CURRENT LIMIT (IIL)
AIC1731
includes
a
current
limiting,
which
monitors and controls the maximum output
current if the output is shorted to ground. This
can protect the device from being damaged.
THERMAL PROTECTION
Thermal
sensor
protects
device
when
the
junction temperature exceeds TJ= +155ºC. It
signals shutdown logic, turning off pass transistor
and allowing IC to cool down. After the IC’s
junction temperature cools by 15ºC, the thermal
sensor will turn the pass transistor back on.
Thermal protection is designed to protect the
device in the event of fault conditions. For a
continuous operation, do not exceed the absolute
maximum junction-temperature rating of TJ=
150ºC, or damage may occur to the device.
APPLICATION INFORMATION
INPUT-OUTPUT CAPACITORS
Linear
regulators
require
input
and
output
capacitors to maintain stability. Input capacitor at
1
μF with a 1uF aluminum electrolytic output
capacitor is suggested.
NOISE BYPASS CAPACITOR
0.1
μF bypass capacitor at BP pin reduces output
voltage noise. And the BP pin has to connect a
capacitor to GND.
POWER DISSIPATION
The AIC1731 obtains thermal-limiting circuitry,
which is designed to protect the device against
overload
condition.
For
continuous
load
condition,
maximum
rating
of
junction
temperature must
not
be
exceeded.
It
is
important to pay more attention in thermal
resistance. It includes junction to case, junction
to ambient. The maximum power dissipation of
AIC1731 depends on the thermal resistance of
its case and circuit board, the temperature
difference between the die junction and ambient
air, and the rate of airflow. The rate of
temperature rise is greatly affected by the
mounting pad configuration on the PCB, the
board material, and the ambient temperature.
When the IC mounting with good thermal
conductivity is used, the junction temperature
will be low even when large power dissipation
applies.
The power dissipation across the device is
P = IOUT (VIN-VOUT).


Similar Part No. - AIC1731-25PX5

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-25PVBG AIC-AIC1731-25PVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-25PVTR AIC-AIC1731-25PVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-25PX5

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com