Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1735-37XY Datasheet(PDF) 5 Page - Analog Intergrations Corporation

Part # AIC1735-37XY
Description  500mA Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-37XY Datasheet(HTML) 5 Page - Analog Intergrations Corporation

  AIC1735-37XY Datasheet HTML 1Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 2Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 3Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 7Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 8Page - Analog Intergrations Corporation AIC1735-37XY Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AIC1735
5
ELECTRICAL CHARACTERISTICS (T
A=25°C, CIN=1μF, COUT=4.7μF, unless
otherwise specified.) (Note2)
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
No Load
Output Voltage
AIC1735-52
AIC1735-50
AIC1735-38
AIC1735-37
AIC1735-35
AIC1735-33
AIC1735-30
AIC1735-27
AIC1735-25
AIC1735-20
AIC1735-18
VIN=5.5~12V
VIN=5.5~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.7~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
VIN=4.0~12V
5.100
4.900
3.725
3.625
3.430
3.235
2.940
2.646
2.450
1.960
1.764
5.200
5.000
3.800
3.700
3.500
3.300
3.000
2.700
2.500
2.000
1.800
5.300
5.100
3.875
3.775
3.570
3.365
3.060
2.754
2.550
2.040
1.836
V
Output Voltage
Temperature
Coefficiency
(Note 3)
50
PPM/
°C
Line Regulation
IL=1mA,
1.4V
≤VOUT≤3.2V
3.3V
≤VOUT≤5.2V
VIN=4V~12V
VIN=5.5V~12V
3
3
10
10
mV
Load Regulation
(Note 4)
IL=0.1~500mA
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5V
VIN=7V
10
20
30
50
mV
Current Limit
(Note 5)
VIN=7V, VOUT=0V
500
mA
Dropout Voltage
(Note 6)
IL=500mA
4.0V
≤VOUT≤5.2V
3.0V
≤VOUT≤3.9V
2.5V
≤VOUT≤2.9V
2.0V
≤VOUT≤2.4V
1.4V
≤VOUT≤1.9V
510
650
780
1100
1400
710
850
980
1300
1600
mV
Ground Current
IO=0.1mA~IMAX
1.4V
≤VOUT≤3.9V
4.0V
≤VOUT≤5.2V
VIN=5~12V
VIN=7~12V
65
65
90
90
μA
Note 1: To avoid output oscillation, aluminum electrolytic output capacitor is recommended and ceramic
capacitor is not suggested.
Note 2:
Specifications are production tested at TA=25°C. Specifications over the -40°C to 85°C
operating temperature range are assured by design, characterization and correlation with
Statistical Quality Controls (SQC).
Note 3:
Guaranteed by design.
Note 4:
Regulation is measured at constant junction temperature, using pulse testing with a low ON
time.
Note 5:
Current limit is measured by pulsing a short time.
Note 6:
Dropout voltage is defined as the input to output differential at which the output voltage drops
100mV below the value measured with a 1V differential.


Similar Part No. - AIC1735-37XY

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-37ETB AIC-AIC1735-37ETB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-37ETR AIC-AIC1735-37ETR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-37YTB AIC-AIC1735-37YTB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-37YTR AIC-AIC1735-37YTR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-37XY

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com