Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1735-50XY Datasheet(PDF) 1 Page - Analog Intergrations Corporation

Part # AIC1735-50XY
Description  500mA Low Dropout Linear Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1735-50XY Datasheet(HTML) 1 Page - Analog Intergrations Corporation

  AIC1735-50XY Datasheet HTML 1Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 2Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 3Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 4Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 5Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 6Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 7Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 8Page - Analog Intergrations Corporation AIC1735-50XY Datasheet HTML 9Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AIC1735
500mA Low Dropout Linear Regulator
Analog Integrations Corporation
Si-Soft Research Center
DS-1735G-01 040606
3A1, No.1, Li-Hsin Rd. I , Science Park , Hsinchu 300, Taiwan , R.O.C.
TEL: 886-3-5772500
FAX: 886-3-5772510
www.analog.com.tw
1
`FEATURES
Low Dropout Voltage of 650mV at 500mA
Output Current (3V Output Version).
Guaranteed 500mA Output Current.
Low Ground Current at 65
μA.
2% Accuracy Output Voltage of 1.8V/ 2.0V
/2.5V /2.7V/ 3.0V/ 3.3V/ 3.5V/ 3.7V/ 3.8V/ 5.0V/
5.2V.
Only needs 4.7
μF Output Capacitor for Stability.
Current and Thermal Limiting.
APPLICATIONS
CD-ROM Drivers.
LAN Cards.
Microprocessor.
RAM Module.
Wireless Communication Systems.
Battery Powered Systems.
DESCRIPTION
The AIC1735 is a 3-pin low dropout linear
regulator. The superior characteristics of the
AIC1735 include zero base current loss, very
low dropout voltage, and 2% accuracy output
voltage.
Typical
ground
current
remains
approximately 65
μA, for loading ranging from
zero to maximum. Dropout voltage turns
substantially low when output current is
100mA.
Built-in output current limiting and
thermal limiting provide maximal protection to
the AIC1735 against fault conditions.
The AIC1735 is available in popular SOT-23,
SOT-223, SOT-89 and TO-252 packages.
TYPICAL APPLICATION CIRCUIT
+
+
AIC1735
4.7
μF
COUT
(Note1)
VOUT
VOUT
GND
VIN
1
μF
CIN
VIN
Low Dropout Linear Regulator


Similar Part No. - AIC1735-50XY

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1735-50ETB AIC-AIC1735-50ETB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-50ETR AIC-AIC1735-50ETR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-50YTB AIC-AIC1735-50YTB Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1735-50YTR AIC-AIC1735-50YTR Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
More results

Similar Description - AIC1735-50XY

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1723A AIC-AIC1723A Datasheet
454Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Silicon Standard Corp.
SS6735G SSC-SS6735G Datasheet
703Kb / 9P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088 Datasheet
86Kb / 10P
   500mA Low Dropout Linear Regulator
logo
Power IC Ltd.
PL0501 PICSEMI-PL0501 Datasheet
267Kb / 10P
   500mA Low-Dropout Linear Regulator
logo
Analog Intergrations Co...
AIC1735 AIC-AIC1735 Datasheet
107Kb / 7P
   500mA Low Dropout Linear Regulator
AIC1723 AIC-AIC1723 Datasheet
225Kb / 8P
   500mA Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL1088 ANPEC-APL1088_04 Datasheet
93Kb / 11P
   500mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G9184 GMT-G9184 Datasheet
87Kb / 1P
   500mA Low Dropout Linear Regulator
logo
IK Semicon Co., Ltd
IL233-XX IKSEMICON-IL233-XX Datasheet
355Kb / 6P
   500mA Low Dropout Linear Voltage Regulator
logo
ams AG
AS1363 AMSCO-AS1363 Datasheet
570Kb / 14P
   500mA, Low-Dropout Linear Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com