Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AIC1731-25PV Datasheet(PDF) 7 Page - Analog Intergrations Corporation

Part # AIC1731-25PV
Description  300mA, Low Dropout Linear Regulator with Shutdown
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

AIC1731-25PV Datasheet(HTML) 7 Page - Analog Intergrations Corporation

Back Button AIC1731-25PV Datasheet HTML 3Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 4Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 5Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 6Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 7Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 8Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 9Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 10Page - Analog Intergrations Corporation AIC1731-25PV Datasheet HTML 11Page - Analog Intergrations Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AIC1731
7
TYPICAL PERFORMANCE CHARACTERISTICS (Continued)
Vin=VOUT+1
VOUT=3.3V
Fig. 13 Line Transient Response
CIN=1μF, COUT=1μF
CBP=0.1μF
Iout=50mA
Vin=VOUT+2V
Vin=VOUT+1V
VOUT=3.3V
Fig. 14 Line Transient Response
CIN=1μF, COUT=4.7μF
CBP=0.1μF
Iout=50mA
Vin=VOUT+2V
Vin=Vout+1V
VOUT=1.5V
Fig. 15 Line Transient Response
CIN=1μF, COUT=1μF
CBP=0.1μF
Iout=50mA
VIN=Vout+2V
VIN=Vout+1V
VOUT=1.5V
Fig. 16 Line Transient Response
CIN=1μF, COUT=4.7μF
CBP=0.1μF
Iout=50mA
VIN=Vout+2V
VOUT
IOUT=30mA
CBP=0.1μF
COUT=1μF
Fig. 17 Shutdown Exit Time
VSHDN
10
100
1000
10000
100000
1000000
1E7
-60
-50
-40
-30
-20
-10
0
I
L
=100mA
I
L
=300mA
I
L
=30mA
I
L
=100mA
C
OUT
=1uF ; C
BP
=0.1uF
Frequency(Hz)
Fig. 18
Ripple Rejection


Similar Part No. - AIC1731-25PV

ManufacturerPart #DatasheetDescription
logo
Analog Intergrations Co...
AIC1731-25PVBG AIC-AIC1731-25PVBG Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
AIC1731-25PVTR AIC-AIC1731-25PVTR Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
More results

Similar Description - AIC1731-25PV

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
SULR1731 SMC-SULR1731 Datasheet
413Kb / 11P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Analog Intergrations Co...
AIC1731 AIC-AIC1731 Datasheet
404Kb / 10P
   300mA, Low Dropout Linear Regulator with Shutdown
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A_16 Datasheet
169Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
logo
Diodes Incorporated
AP131 DIODES-AP131 Datasheet
176Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
AP131 Rev. 1
logo
Advanced Power Electron...
APE8800A A-POWER-APE8800A Datasheet
337Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Anachip Corp
AP131 ANACHIP-AP131 Datasheet
155Kb / 7P
   300mA Low Dropout Linear Regulator with Shutdown
logo
Diodes Incorporated
AP131 DIODES-AP131_09 Datasheet
123Kb / 7P
   300mA LOW DROPOUT LINEAR REGULATOR WITH
AP131 Rev. 7
logo
Analog Intergrations Co...
AIC1734 AIC-AIC1734 Datasheet
373Kb / 9P
   300mA Low Dropout Linear Regulator
AIC1739 AIC-AIC1739 Datasheet
99Kb / 6P
   300mA Low Dropout Linear Regulator
logo
List of Unclassifed Man...
SS6734G ETC-SS6734G Datasheet
467Kb / 9P
   300MA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com