Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1191H020B-T1-FE Datasheet(PDF) 10 Page - RICOH electronics devices division

Part # R1191H020B-T1-FE
Description  Supply Current Typ. 50uA (Fast Mode)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1191H020B-T1-FE Datasheet(HTML) 10 Page - RICOH electronics devices division

Back Button R1191H020B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 10Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 11Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 12Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 13Page - RICOH electronics devices division R1191H020B-T1-FE Datasheet HTML 14Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 33 page
background image
R1191x
10
TYPICAL CHARACTERISTICS
1) Output Voltage vs. Output Current (C1
=2.2μF, C2=4.7μF, Topt=25°C)
R1191x020x
ECO=H
R1191x020x
ECO=L
0
200
400
800
0.5
1.5
2.5
1.0
2.0
0
Output Current IOUT (mA)
600
VIN=3.5V
VIN=3.8V
VIN=4.0V
VIN=4.5V
VIN=5.0V
0
200
400
800
0.5
1.5
2.5
1.0
2.0
0
Output Current IOUT (mA)
600
VIN=3.5V
VIN=3.8V
VIN=4.0V
VIN=4.5V
VIN=5.0V
R1191x050x
ECO=H
R1191x050x
ECO=L
0
200
400
800
2
4
6
3
5
1
0
Output Current IOUT (mA)
600
VIN=5.5V
VIN=5.55V
VIN=5.7V
VIN=6.0V
VIN=7.0V
VIN=8.0V
0
200
400
800
2
4
6
3
5
1
0
Output Current IOUT (mA)
600
VIN=5.5V
VIN=5.55V
VIN=5.7V
VIN=6.0V
VIN=7.0V
VIN=8.0V
R1191x150x
ECO=H
R1191x150x
ECO=L
0
200
400
800
4
8
16
6
12
10
14
2
0
Output Current IOUT (mA)
600
VIN=15.4V
VIN=15.5V
VIN=15.6V
VIN=15.75V
VIN=16.0V
0
200
400
800
4
8
16
6
12
10
14
2
0
Output Current IOUT (mA)
600
VIN=15.4V
VIN=15.5V
VIN=15.6V
VIN=15.75V
VIN=16.0V


Similar Part No. - R1191H020B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1191H020B NISSHINBO-R1191H020B Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1191H020B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com