Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1191H050B-T1-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1191H050B-T1-FE
Description  Supply Current Typ. 50uA (Fast Mode)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1191H050B-T1-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1191H050B-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1191H050B-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 33 page
background image
R1191x
3
PIN CONFIGURATIONS
DFN1616-6*1
SOT-23-5
SOT-89-5
Top View
3
4
2
5
1
6
Bottom View
1
6
2
5
3
4
1
4
5
23
(mark side)
13
54
2
PIN DISCRIPTIONS
DFN1616-6*1
Pin No
Symbol
Pin Description
1
ECO
Low Power / Fast Mode Changer Pin ("H": Fast Mode)
2
NC
No Connection
3
VDD
Input Pin
4
VOUT
Output pin
5
GND
Ground Pin
6
CE
Chip Enable Pin ("H" Active)
∗1) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
SOT-23-5
Pin No
Symbol
Pin Description
1
ECO
Low Power / Fast Mode Changer Pin ("H": Fast Mode)
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
VOUT
Output pin
5
VDD
Input Pin
SOT-89-5
Pin No
Symbol
Pin Description
1
VOUT
Output pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
ECO
Low Power / Fast Mode Changer Pin ("H": Fast Mode)
5
VDD
Input Pin


Similar Part No. - R1191H050B-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1191H050B NISSHINBO-R1191H050B Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1191H050B-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com