Electronic Components Datasheet Search |
|
R1191H100B-T1-FE Datasheet(PDF) 7 Page - RICOH electronics devices division |
|
R1191H100B-T1-FE Datasheet(HTML) 7 Page - RICOH electronics devices division |
7 / 33 page R1191x 7 TECHNICAL NOTES When using these ICs, consider the following points: • Phase Compensation In these ICs, phase compensation is made for securing stable operation even if the load current is varied. For this purpose, use a capacitor C2 with good frequency characteristics and ESR (Equivalent Series Resistance). (Note: If additional ceramic capacitors are connected with parallel to the output pin with an output capacitor for phase compensation, the operation might be unstable. Because of this, test these ICs with as same external components as ones to be used on the PCB.) • PCB Layout Make VDD and GND lines sufficient. If their impedance is high, noise pickup or unstable operation may result. Connect a capacitor C1 with a capacitance value as much as 2.2 μF or more between VDD and GND pin, and as close as possible to the pins. Set external components, especially the capacitor C2, as close as possible to the ICs, and make wiring as short as possible. • Thermal Shutdown Function There is the built-in thermal-shutdown function in R1191x series. It discontinues operation of the IC when the junction temperature becomes over 150 °C (Typ.) and IC re-operates when the junction temperature under 130 °C (Typ.). If the temperature increasing keeps the IC repeats ON and OFF operating. The output becomes the pulse condition. • Chip Enable (CE) Circuit and High-speed/ Low Supply Current Switching (ECO) Circuit To maintain the stability of the output voltage, please do not use the intermediate electric potentials (the voltage values between VCEH and VCEL) for the CE pin and the ECO pin. The use of the intermediate electric potentials increases the supply current and causes the unstable output voltage. • Auto-discharge Function R1191xxxxD has adopted Auto-discharge function, which decreases the output voltage quickly to 0V by turning on the transistor between VOUT pin and GND pin when switching “Active” to “Standby” and releases the electrical charges accumulated in the external capacitor. |
Similar Part No. - R1191H100B-T1-FE |
|
Similar Description - R1191H100B-T1-FE |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |