Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1510S010D-T1-FE Datasheet(PDF) 3 Page - RICOH electronics devices division

Part # R1510S010D-T1-FE
Description  Input Voltage Range (Maximum Rating) Max. 36.0V (50V)
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1510S010D-T1-FE Datasheet(HTML) 3 Page - RICOH electronics devices division

  R1510S010D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1510S010D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 41 page
background image
R1510S
NO.EA-185-140724
3
SELECTION GUIDE
The users can select VR output voltage, VD detector threshold, and version that best fit their requirements.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1510Sxxx
∗-E2-FE
HSOP-8E
1,000 pcs
Yes
Yes
xxx: Select the ideal combination of the output voltage (VOUT) and the detector threshold (-VDET)
from the code number starting from 001.
Refer to MARK SPECIFICATION TABLE for detailed information.
∗: Select the ideal version from A to D.
(A) Built-in Chip Enable, VIN Detector
(B) SENSE Detector Threshold
(C) Built-in Release Delay Circuit, VIN Detector
(D) Built-in Release Delay Circuit, VOUT Detector
PIN DESCRIPTIONS
HSOP-8E
Top View
Bottom View
5
8
6
4
2
1
3
8
6
57
1
3
42
7
Pin No.
Symbol
Description
1
VOUT
VR Output Pin
2
NC
No Connection
3
TP*3
Test Pin
4
DOUT
VD Output Pin (Nch Open Drain)
5
CE
A Version: Chip Enable Pin (“H” Active)
SENSE*1
B Version: VD Sense Pin
CD*2
C, D Versions: Release Output Delay (Power-on Reset) Time Setting Pin
6
TP*3
Test Pin
7
GND
Ground Pin
8
VDD
Input Pin
∗) The tab on the reverse side of the IC is in GND level and it should be connected to GND pin (recommended)
or should be left open.
∗1) B version monitors SENSE pin voltage.
∗2) The release output delay time of voltage detector can be set by connecting a capacitor to CD pin.
∗3) TP pin should be connected to GND.


Similar Part No. - R1510S010D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1510S010A NISSHINBO-R1510S010A Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
R1510S010B NISSHINBO-R1510S010B Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
R1510S010C NISSHINBO-R1510S010C Datasheet
775Kb / 41P
   Automatic Mode Shift 36 V 300 mA LDO
More results

Similar Description - R1510S010D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1518 RICOH-R1518 Datasheet
945Kb / 38P
   Input Voltage Range (Maximum Rating)
R1517 RICOH-R1517 Datasheet
950Kb / 38P
   Input Voltage Range (Maximum Rating) 3.5 V to 36.0 V (50.0V)
R5112 RICOH-R5112 Datasheet
1Mb / 34P
   Input Voltage Range (Maximum Rating) 3.5 V to 42 V (50 V)
R1524 RICOH-R1524 Datasheet
2Mb / 32P
   Input Voltage Range (Maximum Rating) 3.5 V to 36 V (50 V)
logo
List of Unclassifed Man...
9115 ETC2-9115 Datasheet
732Kb / 5P
   Multi-ranging operation (output up to max power rating within maximum voltage and
logo
HB Electronic Component...
RGB-CONTROLLER-303 HB-RGB-CONTROLLER-303 Datasheet
135Kb / 3P
   Input Voltage range
logo
RICOH electronics devic...
R1515 RICOH-R1515 Datasheet
207Kb / 14P
   Input Voltage Max. 36V
logo
Analog Devices
ADM7172 AD-ADM7172 Datasheet
1Mb / 24P
   Input voltage range
logo
RICOH electronics devic...
R1514 RICOH-R1514_17 Datasheet
254Kb / 15P
   Input Voltage Max. 36V
logo
Delta Electronics, Inc.
DRP048V060W1BX DELTA-DRP048V060W1BX Datasheet
1Mb / 15P
   Worldwide AC input range without power de-rating
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com