Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R1191H130D-T1-FE Datasheet(PDF) 2 Page - RICOH electronics devices division

Part # R1191H130D-T1-FE
Description  Supply Current Typ. 50uA (Fast Mode)
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICOH [RICOH electronics devices division]
Direct Link  http://www.ricoh.com
Logo RICOH - RICOH electronics devices division

R1191H130D-T1-FE Datasheet(HTML) 2 Page - RICOH electronics devices division

  R1191H130D-T1-FE Datasheet HTML 1Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 2Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 3Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 4Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 5Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 6Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 7Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 8Page - RICOH electronics devices division R1191H130D-T1-FE Datasheet HTML 9Page - RICOH electronics devices division Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
R1191x
2
BLOCK DIAGRAM
R1191xxxxB
R1191xxxxD
VDD
VOUT
CE
GND
Short
Protection
Vref
Thermal Shutdown
ECO
Peak
Current
Protection
Reverse
Detector
VDD
VOUT
CE
GND
Short
Protection
Vref
Thermal Shutdown
ECO
Peak
Current
Protection
Reverse
Detector
SELECTION GUIDE
The output voltage, auto-discharge function, and package, for the ICs can be selected at the user’s request.
Product Name
Package
Quantity per Reel
Pb Free
Halogen Free
R1191Lxxx
∗-TR
DFN1616-6
5,000 pcs
Yes
Yes
R1191Nxxx
∗-TR-FE
SOT-23-5
3,000 pcs
Yes
Yes
R1191Hxxx
∗-T1-FE
SOT-89-5
1,000 pcs
Yes
Yes
xxx : The output voltage can be designated in the range from 2.0V(020) to 15.0V(150) in 0.1V steps.
(For other voltages, please refer to MARK INFORMATIONS.)
∗ : The auto discharge function at off state are options as follows.
(B) without auto discharge function at off state.
(D) with auto discharge function at off state.


Similar Part No. - R1191H130D-T1-FE

ManufacturerPart #DatasheetDescription
logo
Nisshinbo Micro Devices...
R1191H130D NISSHINBO-R1191H130D Datasheet
4Mb / 45P
   300mA LDO REGULATOR with the Reverse Current Protection
More results

Similar Description - R1191H130D-T1-FE

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP114 RICOH-RP114 Datasheet
1Mb / 28P
   Supply Current Typ. 50uA
RP102 RICOH-RP102_17 Datasheet
376Kb / 30P
   Supply Current Typ. 50uA
RP109 RICOH-RP109 Datasheet
815Kb / 42P
   Supply Current Typ. 50uA
RP130 RICOH-RP130 Datasheet
524Kb / 32P
   Supply Current Typ. 38uA
RP170 RICOH-RP170 Datasheet
923Kb / 32P
   Supply Current Typ. 23uA
RN5RF RICOH-RN5RF_17 Datasheet
217Kb / 13P
   Supply Current Typ. 30uA
R1501 RICOH-R1501 Datasheet
2Mb / 28P
   Supply Current Typ. 70uA
RP115 RICOH-RP115 Datasheet
2Mb / 39P
   Supply Current TYP. 110uA
RP171 RICOH-RP171 Datasheet
593Kb / 29P
   Supply Current Typ. 23uA
RP101 RICOH-RP101_17 Datasheet
394Kb / 33P
   Supply Current Typ. 18uA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com