Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM385BSTR Datasheet(PDF) 2 Page - Analog Intergrations Corporation

Part # LM385BSTR
Description  Adjustable Micropower Voltage Reference
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIC [Analog Intergrations Corporation]
Direct Link  http://www.analog.com.tw
Logo AIC - Analog Intergrations Corporation

LM385BSTR Datasheet(HTML) 2 Page - Analog Intergrations Corporation

  LM385BSTR Datasheet HTML 1Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 2Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 3Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 4Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 5Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 6Page - Analog Intergrations Corporation LM385BSTR Datasheet HTML 7Page - Analog Intergrations Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
LM385/LM385B
2
n ORDERING INFORMATION
PACKING TYPE
BG: BAG
TR: TAPE & REEL
TB: TUBE (for SO-8)
PACKAGE TYPE
X: SOT-89
Z: TO-92
S: SMALL OUTLINE
TOLERANCE
Default: 2%
B: 1%
LM385X-CXXX
Example:
LM385-CXTR
à 2% version, in SOT-89 Package & Taping &
Reel Packing Type
(CS is not available in BAG packing type.)
PIN CONFIGURATION
NC
1
3
4
2
8
6
5
7
+
NC
NC
-
NC
FB
NC
SO-8
TOP VIEW
1
2
3
SOT-89
TOP VIEW
1: FB
2:
-
3: +
1
2
3
TO-92
TOP VIEW
1: FB
2: +
3:
-
n ABSOLUTE MAXIMUM RATINGS
Reverse Current ....… ................................…………… ............................................ 30mA
Forward Current ……… ....................................… ..………… .....................................10mA
Operating Temperature Range.
.…………………… .……… ................… ........ 0
°C to 70°C
Storage Temperature ...................................…… .………… ....................... -65
°C to 150°C
Lead Temperature
TO-92 Package Soldering (10 seconds)
..................……………… ..…… ................ 260
°C
SO Package Vapor phase (60 seconds)
............…………………… ........................ 215
°C
n TEST CIRCUIT
Refer to TYPICAL APPLICATION CIRCUIT.


Similar Part No. - LM385BSTR

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM385BS8-1.2 LINER-LM385BS8-1.2 Datasheet
147Kb / 8P
   Micropower Voltage Reference
LM385BS8-2.5 LINER-LM385BS8-2.5 Datasheet
147Kb / 8P
   Micropower Voltage Reference
More results

Similar Description - LM385BSTR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS285 ADMOS-AMS285_05 Datasheet
74Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS3100 ADMOS-AMS3100 Datasheet
61Kb / 6P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
AMS285 ADMOS-AMS285 Datasheet
78Kb / 8P
   ADJUSTABLE MICROPOWER VOLTAGE REFERENCE DIODE
logo
Sipex Corporation
SPX385-2.5 SIPEX-SPX385-2.5 Datasheet
140Kb / 9P
   Micropower Voltage Reference
logo
Linear Technology
LT1004 LINER-LT1004_15 Datasheet
182Kb / 8P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS3100A-2.5 ADMOS-AMS3100A-2.5 Datasheet
45Kb / 4P
   MICROPOWER VOLTAGE REFERENCE
AMS1004-1.2 ADMOS-AMS1004-1.2_05 Datasheet
71Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
logo
Renesas Technology Corp
ISL21010 RENESAS-ISL21010 Datasheet
3Mb / 37P
   Micropower Voltage Reference
logo
Advanced Monolithic Sys...
AMS1004-12 ADMOS-AMS1004-12 Datasheet
76Kb / 7P
   MICROPOWER VOLTAGE REFERENCE
AMS3100-12 ADMOS-AMS3100-12 Datasheet
68Kb / 6P
   MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com