Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BGU7224 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BGU7224
Description  Integrated concurrent 5 GHz notch filter
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

BGU7224 Datasheet(HTML) 4 Page - NXP Semiconductors

  BGU7224 Datasheet HTML 1Page - NXP Semiconductors BGU7224 Datasheet HTML 2Page - NXP Semiconductors BGU7224 Datasheet HTML 3Page - NXP Semiconductors BGU7224 Datasheet HTML 4Page - NXP Semiconductors BGU7224 Datasheet HTML 5Page - NXP Semiconductors BGU7224 Datasheet HTML 6Page - NXP Semiconductors BGU7224 Datasheet HTML 7Page - NXP Semiconductors BGU7224 Datasheet HTML 8Page - NXP Semiconductors BGU7224 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BGU7224
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 15 December 2014
4 of 20
NXP Semiconductors
BGU7224
2.4 GHz ISM SiGe:C low-noise amplifier MMIC with bypass
7.
Thermal characteristics
8.
Static characteristics
9.
Dynamic characteristics
Table 6.
Thermal characteristics
Symbol
Parameter
Conditions
Typ
Unit
Rth(j-case)
thermal resistance from junction to case
250
K/W
Table 7.
Static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
RF input, AC coupled
3.0
3.3
3.6
V
ICC
supply current
Pi = 30 dBm
gain mode
-
13
-
mA
bypass mode
-
2
-
A
II(CTRL)
input current on pin CTRL
gain mode
-
50
-
A
Tamb
ambient temperature
40
+25
+85
C
Table 8.
Dynamic characteristics
Tamb =25 C; VCC = 3.3 V; ZS = ZL = 50 ; Pi = 30 dBm unless otherwise specified. All
measurements done on application board (with a DC-decoupling capacitor of 4.7 nF placed close to
VCC [pin 6] and a 8.2 nH matching shunt inductor at RF_IN) with SMA connectors as reference
plane.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
f
frequency
[1]
2400 -
2500 MHz
Gp
power gain
gain mode
[2]
13
15
17
dB
bypass mode
[2]
-
5.5 -
dB
RLin
input return loss
gain mode
-
10
-
dB
bypass mode
-
13
-
dB
RLout
output return loss
gain mode
-
11
-
dB
bypass mode
-
13
-
dB
ISL
isolation
gain mode
-
22
-
dB
Gflat
gain flatness
bandwidth across 40 MHz
gain mode
-
0.2 -
dB
bypass mode
-
0.2 -
dB
Pi(1dB)
input power at 1 dB
gain compression
gain mode
-
3-
dBm
IP3I
input third-order
intercept point
two-tone; 5 MHz spacing
Pi = 20 dBm; gain mode
-
5.5
-
dBm
Pi = 3 dBm; bypass mode
-
34
-
dBm
NF
noise figure
gain mode
[2]
-1.0
-dB


Similar Part No. - BGU7224

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BGU7258 NXP-BGU7258 Datasheet
419Kb / 21P
   Fully integrated, high performance LNA with built-in bypass
Rev. 2-30 October 2014
More results

Similar Description - BGU7224

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2606-SMA KR-2606-SMA Datasheet
93Kb / 3P
   5 MHz Notch Filter
3222-SMA KR-3222-SMA Datasheet
69Kb / 2P
   5 MHz Notch Filter
2409 KR-2409 Datasheet
19Kb / 2P
   Notch Filter
2355-50 KR-2355-50 Datasheet
19Kb / 2P
   Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
   Notch Filter
2489-4 KR-2489-4 Datasheet
18Kb / 2P
   Notch Filter
2497 KR-2497 Datasheet
20Kb / 2P
   Notch Filter
2520-3 KR-2520-3 Datasheet
46Kb / 2P
   Notch Filter
2520-8 KR-2520-8 Datasheet
44Kb / 2P
   Notch Filter
2489-7 KR-2489-7 Datasheet
18Kb / 2P
   Notch Filter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com